Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032BFY6E Datasheet(PDF) 33 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 29Page - STMicroelectronics SMC032BFY6E Datasheet HTML 30Page - STMicroelectronics SMC032BFY6E Datasheet HTML 31Page - STMicroelectronics SMC032BFY6E Datasheet HTML 32Page - STMicroelectronics SMC032BFY6E Datasheet HTML 33Page - STMicroelectronics SMC032BFY6E Datasheet HTML 34Page - STMicroelectronics SMC032BFY6E Datasheet HTML 35Page - STMicroelectronics SMC032BFY6E Datasheet HTML 36Page - STMicroelectronics SMC032BFY6E Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
SMCxxxBF
Card Configuration
33/91
6
Card Configuration
The CompactFlash Memory Card is identified by information in the Card Information
Structure (CIS). The Card has four configuration registers (Table 24 and Table 25).
●
Configuration Option Register
●
Pin Replacement Register
●
Card Configuration and Status Register
●
Socket and Copy Register
They are used to coordinate the I/O spaces and the Interrupt level of cards that are located
in the system. In addition, in I/O Card mode these registers provide a method for accessing
status information that would normally appear on dedicated pins in Memory Card mode.
The base address of the card configuration registers is 200h in the Attribute Memory space.
No write operation should be performed to the attribute memory area except for the
configuration register addresses. All other attribute memory locations are reserved. See
Section 6.5: Attribute Memory Function.
Table 24.
CompactFlash Memory Card Registers and Memory Space Decoding
–CE2 –CE1
–REG
–OE –WE A10
A9 A8-A4 A3 A2 A1 A0
Selected Space
1
1
X
X
X
X
X
XXX
X
X
X
X
Standby
X
0
0
0
1
0
1
XXX
X
X
X
0
Configuration Registers Read
1
0
1
0
1
X
X
XXX
X
X
X
X
Common Memory Read (D7 to D0)
0
1
1
0
1
X
X
XXX
X
X
X
X
Common Memory Read (D15 to D8)
0
0
1
0
1
X
X
XXX
X
X
X
0
Common Memory Read (D15 to D0)
X
0
0
1
0
0
1
XXX
X
X
X
0
Configuration Registers Write
1
0
1
1
0
X
X
XXX
X
X
X
X
Common Memory Write (D7 to D0)
0
1
1
1
0
X
X
XXX
X
X
X
X
Common Memory Write (D15 to D8)
0
0
1
1
0
X
X
XXX
X
X
X
0
Common Memory Write (D15 to D0)
X
0
0
0
1
0
0
XXX
X
X
X
0
Card Information Structure Read
1
0
0
1
0
0
0
XXX
X
X
X
0
Invalid Access (CIS Write)
1
0
0
0
1
X
X
XXX
X
X
X
1
Invalid Access (Odd Attribute Read)
1
0
0
1
0
X
X
XXX
X
X
X
1
Invalid Access (Odd Attribute Write)
0
1
0
0
1
X
X
XXX
X
X
X
X
Invalid Access (Odd Attribute Read)
0
1
0
1
0
X
X
XXX
X
X
X
X
Invalid Access (Odd Attribute Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com