Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8433 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8433
Description  Deflection processor for computer controlled TV receivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8433 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8433 Datasheet HTML 4Page - NXP Semiconductors TDA8433 Datasheet HTML 5Page - NXP Semiconductors TDA8433 Datasheet HTML 6Page - NXP Semiconductors TDA8433 Datasheet HTML 7Page - NXP Semiconductors TDA8433 Datasheet HTML 8Page - NXP Semiconductors TDA8433 Datasheet HTML 9Page - NXP Semiconductors TDA8433 Datasheet HTML 10Page - NXP Semiconductors TDA8433 Datasheet HTML 11Page - NXP Semiconductors TDA8433 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
August 1991
8
Philips Semiconductors
Product specification
Deflection processor for computer
controlled TV receivers
TDA8433
Note to Table 3
1. tbf = value to be fixed.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Not used
0C/0E
−−
−
−
−
−
Control
0F
X-VOUT
−
40
11.5
11.9
VCC
V
VTRA
−VTRC
−
50
5.0
5.3
5.6
V
CVBS
−X−X−X
−
60
1.2
1.5
1.8
V
70
0
0.2
0.5
V
40
5.5
7.5
9.5
k
Ω
50
2.4
3.3
4.2
k
Ω
60
0.7
1.0
1.35
k
Ω
70
−
50
−Ω
00
−−
(VBS)
V
08
−−
0.4
(1 mA)
V
PHI1 bit
00
1
−
80
−−
0.4
(
−2 mA)
V
00
−−
VCC
V
Not used
10
−EF
Test functions
F0
−FF
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
10.8
13.2
V
ICC
supply current
12
27
mA
Ptot
total power dissipation
−
360
mW
Tamb
operating ambient temperature range
−25
+75
°C
Tstg
storage temperature range
−55
+150
°C
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
Rth j-a
from junction to ambient in free air
−
35
K/W
FUNCTION
SUB
ADDR
HEX
DATA
BITS
PRESET
VALUE
HEX
SETT
HEX
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com