| Electronic Components Datasheet Search |
|
TDA8501 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8501 Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 30 page ![]() April 1993 2 Philips Semiconductors Preliminary specification PAL/NTSC encoder TDA8501 FEATURES • Two input stages: R, G, B and −(R−Y), −(B−Y), Y with multiplexing • Chrominance processing, highly integrated, includes low frequency filters for the colour difference signals, and after the modulator a bandpass filter • Fully controlled modulator produces a signal according to the PAL or NTSC standard without adjustments • A free running oscillator. Can be tuned by crystal or by an external frequency source • Output stages with separated Y + SYNC and chrominance (Y + C, SVHS), and a CVBS output. Signal amplitudes are correct for 75 Ω driving via an external emitter follower. Internal generation of NTSC setup • Sync separator circuit and pulse shaper, to generate the required pulses for the processing, clamping, blanking, FH/2, and burst pulse • H/2 control pin. In PAL mode the internally generated H/2 is connected to this pin and the phase of this signal can be reset • Internal bandgap reference. GENERAL DESCRIPTION The TDA8501 is a highly integrated PAL/NTSC encoder IC which is designed for use in all applications where R, G and B or Y, U and V signals require transformation to PAL or NTSC values.The specification of the input signals are fully compatible with the specification of those of the TDA8505 SECAM-encoder. ORDERING INFORMATION Note 1. SOT234-1; 1996 December 2. 2. SOT137-1; 1996 December 2. EXTENDED TYPE NUMBER PACKAGE PINS PIN POSITION MATERIAL CODE TDA8501 24 DIL plastic SOT234AH2(1) TDA8501T 24 SO plastic SOT137AH1(2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |