Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SC192192CT-USB Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SC192192CT-USB
Description  32-bit Secure Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SC192192CT-USB Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SC192192CT-USB Datasheet HTML 1Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 2Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 3Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 4Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 5Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 6Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AT91SC192192CT-USB
6556A–SPIC–16 May 07
Architectural Overview
The SC100 is a 3 stage pipeline, 32-bit RISC processor. It uses a Von Neumann Load/store architecture, this architecture
is characterized by a single data and address bus for instruction data. The SC100 processor employs a unique
architectural strategy known as Thumb®, a super reduced instruction set that is ideally suited for high volume applications
with memory restrictions, and applications where code density is an important factor. Essentially, the SC100 processor has
two instruction sets:
•
The standard ARM instruction set using 32-bit instructions and offering maximum performance
•
The Thumb instruction set using 16-bit instructions and offering maximum code density
Both instruction sets operate on 8-bit, 16-bit and 32-bit data types.
The Thumb’s 16-bit instruction length allows it to achieve almost twice the density of standard ARM code, whilst retaining
most of the ARM performance advantage over a traditional 16-bit processor using 16-bit registers. This is possible because
the 16-bit Thumb instructions operate on the same 32-bit register set as the 32-bit ARM instruction set. Thumb code can be
up to 35% smaller than the equivalent ARM code, whilst providing 160% of the performance of an equivalent ARM
processor connected to a 16-bit memory system.
USB XIN
USB XIN
IO3
Flash Interface IO3
USB XOUT
USB XOUT
SS/IO4
SPI Slave Select/Flash Interface IO4
WP
Flash Interface (Write Protect)
SCK/IO5
SPI Clock/Flash Interface IO5
MOSI/IO6
SPI Master Output-Slave Input/Flash Interface
IO6
MISO/IO7
SPI Master Output-Slave Input/Flash Interface
IO7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com