Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SC192192CT-USB Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SC192192CT-USB
Description  32-bit Secure Microcontrollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SC192192CT-USB Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SC192192CT-USB Datasheet HTML 1Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 2Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 3Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 4Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 5Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 6Page - ATMEL Corporation AT91SC192192CT-USB Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6556A–SPIC–16 May 07
Features
General
• Based on the ARM® SC100™ SecureCore™ 32-bit RISC Processor
• Two Instruction Sets
– ARM High-performance 32-bit Instruction Set
–Thumb® High-code-density 16-bit Instruction Set
• Von Neumann Load/Store Architecture
– Single 32-bit Data Bus for Instructions and Data
• 3-stage Pipeline Architecture
– Fetch, Decode, and Execute Stages
• 8-bit, 16-bit, and 32-bit Data Types
• On-chip Programmable System Clock up to 50MHz
• Very Low Power Consumption
– Industry Leader in MIPS/Watt
– Low power Idle and Power down Modes
• Bond Pad Locations Confirming to ISO7816-2
• ESD Protection to
±6000V
• Operating ranges: 1.62V to 5.5V, PC Industry Compatible, GSM/3G Compliant, EMV
Memory
• 192K Bytes of Flash Program Memory and 192K Bytes of Eeprom
– Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC
– 10 Years Data Retention
• EEPROM Erase Only Mode
• Write EEPROM With or Without Autoerase
• 24K Bytes of RAM (2K Bytes shared with AdvX ™ crypto processor)
• 32K Bytes of ROM dedicated to Atmel’s crypto Library
Peripherals
• USB Interface (5 Endpoints)
– USB V2.0 Full-speed (12Mbps), Suspend/Resume Modes Supported
– 4 Configurable Endpoints in Addition to Endpoint EP0
– Dynamic Pull-up Attachment
• USB_IC (Inter Chip) 0.8e Interface
• Serial Peripheral Interface (SPI) Controller (up to 20MHz)
• One ISO 7816 Controller
– Up to 625kbps at 5 MHz
• Interface for External NAND Flash Memory
• Single Wire Interface (Digital Interface to RF front end chip)
• Two 16-bit Timers
• Random Number Generator (RNG)
• 2-level, 15-vector Interrupt Controller
• Hardware DES and Triple DES (DPA Resistant)
• Checksum Accelerator
• CRC 16/32 Engine
• 32-bit Cryptographic Accelerator for Public Key Operations
– RSA, DSA, ECC, Diffie-Hellman
• High performance Hardware Java Card Accelerator
Security
• Dedicated Hardware for Protection Against SPA/DPA Attacks
• Protection Against Physical Attack
• Environmental Protection Systems
• Voltage, Frequency, Light, and Temperature Protection Systems
• Secure Memory Management/ Access Protection/ MPU
32-bit Secure
Microcontrollers
AT91SC
192192CT-USB
Summary
Note: This is a summary document. A complete document will be
available under NDA. For more information, please contact your
local Atmel sales office.


Similar Part No. - AT91SC192192CT-USB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SC25672RC ATMEL-AT91SC25672RC Datasheet
58Kb / 4P
32-bit Secure Microcontroller for Smart Cards
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
AT91SC512384-128M ATMEL-AT91SC512384-128M Datasheet
146Kb / 3P
32-bit Secure Microcontrollers
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
32-bit Secure Microcontrollers
AT91SC512384RCT ATMEL-AT91SC512384RCT Datasheet
58Kb / 5P
32-bit Secure Microcontrollers
More results

Similar Description - AT91SC192192CT-USB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SC512384RCT ATMEL-AT91SC512384RCT Datasheet
58Kb / 5P
32-bit Secure Microcontrollers
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
AT91SC512384-128M ATMEL-AT91SC512384-128M Datasheet
146Kb / 3P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com