Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM22L16 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM22L16
Description  4Mbit FRAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22L16 Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM22L16 Datasheet HTML 1Page - Ramtron International Corporation FM22L16 Datasheet HTML 2Page - Ramtron International Corporation FM22L16 Datasheet HTML 3Page - Ramtron International Corporation FM22L16 Datasheet HTML 4Page - Ramtron International Corporation FM22L16 Datasheet HTML 5Page - Ramtron International Corporation FM22L16 Datasheet HTML 6Page - Ramtron International Corporation FM22L16 Datasheet HTML 7Page - Ramtron International Corporation FM22L16 Datasheet HTML 8Page - Ramtron International Corporation FM22L16 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FM22L16
Rev. 1.0
Mar. 2007
Page 3 of 15
Functional Truth Table
1,2
/CE
/WE
A(17:2)
A(1:0)
/ZZ
Operation
X
X
X
X
L
Sleep Mode
H
X
X
X
H
Standby/Idle
↓
H
V
V
H
Read
L
H
No Change
Change
H
Page Mode Read
L
H
Change
V
H
Random Read
↓
L
V
V
H
/CE-Controlled Write
L
↓
V
V
H
/WE-Controlled Write
2
L
↓
No Change
V
H
Page Mode Write
3
↑
X
X
X
H
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Data, X=Don’t Care.
2)
/WE-controlled write cycle begins as a Read cycle.
3)
Addresses A(1:0) must remain stable for at least 10 ns during page mode operation.
4)
For write cycles, data-in is latched on the rising edge of /CE or /WE, whichever comes first.
Byte Select Truth Table
/OE
/LB
/UB
Operation
H
X
X
X
H
H
Read; Outputs Disabled
H
L
Read; DQ(7:0) Hi-Z
L
H
Read; DQ(15:8) Hi-Z
L
L
L
Read
H
L
Write; Mask DQ(7:0)
L
H
Write; Mask DQ(15:8)
X
L
L
Write
Simplified Sleep/Standby State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com