Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS941IL Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS941IL
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941IL Datasheet(HTML) 2 Page - STMicroelectronics

  TS941IL Datasheet HTML 1Page - STMicroelectronics TS941IL Datasheet HTML 2Page - STMicroelectronics TS941IL Datasheet HTML 3Page - STMicroelectronics TS941IL Datasheet HTML 4Page - STMicroelectronics TS941IL Datasheet HTML 5Page - STMicroelectronics TS941IL Datasheet HTML 6Page - STMicroelectronics TS941IL Datasheet HTML 7Page - STMicroelectronics TS941IL Datasheet HTML 8Page - STMicroelectronics TS941IL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TS941-TS942-TS944
2/18
Order Codes
Part Number
Temperature
Range
Package
Packaging
Marking
TS941ID/IDT/AID/AIDT/BID/BIDT
-40°C, +85°C
SO
Tube or Tape & Reel
TS941ILT/AILT/BILT
SOT23-5L
Tape & Reel
K201
K202
K203
TS942IN/AIN/BIN
DIP
Tube
TS942ID/IDT/AID/AIDT/BID/BIDT
SO
Tube or Tape & Reel
TS942IPT/AIPT/BIPT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel
TS944IN/AIN/BIN
DIP
Tube
TS944ID/IDT/AID/AIDT/BIDT/BIDT
SO
Tube or Tape & Reel
TS944IPT/AIPT/BIPT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com