Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS941IL Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS941IL
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941IL Datasheet(HTML) 5 Page - STMicroelectronics

  TS941IL Datasheet HTML 1Page - STMicroelectronics TS941IL Datasheet HTML 2Page - STMicroelectronics TS941IL Datasheet HTML 3Page - STMicroelectronics TS941IL Datasheet HTML 4Page - STMicroelectronics TS941IL Datasheet HTML 5Page - STMicroelectronics TS941IL Datasheet HTML 6Page - STMicroelectronics TS941IL Datasheet HTML 7Page - STMicroelectronics TS941IL Datasheet HTML 8Page - STMicroelectronics TS941IL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics
TS941-TS942-TS944
5/18
Table 4: VCC = +3V, VDD = 0V, RL connected to VCC/2,Tamb = 25°C (unless otherwise specified)
2)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
TS941/2/4
TS941/2/4A
TS941/2/4B
10
5
2
mV
∆V
io
Input Offset Voltage Drift
7
µV/°C
Iio
Input Offset Current 1
1
100
pA
Iib
Input Bias Current 1)
1
150
pA
CMR
Common Mode Rejection Ratio
60
85
dB
SVR
Supply Voltage Rejection Ratio
50
85
dB
Avd
Large Signal Voltage Gain
VO = 2VppRL = 1MΩ
100
dB
VOH
High Level Output Voltage
VID = 100mV
RL = 1MΩ
RL = 10kΩ
2.9
2.8
2.99
2.85
V
VOL
Low Level Output Voltage
VID = -100mV
RL = 1MΩ
RL = 10kΩ
1
100
5
200
mV
Io
Output Source Current
VID = 100mV, VO = VDD
Output Sink Current
VID = -100mV, VO = VCC
680
650
1500
1300
µA
ICC
Supply Current (per amplifier)
AVCL = 1, no load
1.2
1.8
µA
GBP
Gain Bandwidth Product
RL = 1MΩ, CL = 50pF
10
kHz
SR
Slew Rate
RL = 1MΩ, CL = 50pF
34.5
V/ms
φm
Phase Margin
CL = 50pF
65
Degrees
1)
Maximum values including unavoidable inaccurates of the industrial test.
2.
All electrical values are guaranteed with correlation measurements at 2.5V and 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com