Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1264 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1264
Description  800 mA Fixed-Output CMOS LDO with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1264 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1264_06 Datasheet HTML 5Page - Microchip Technology TC1264_06 Datasheet HTML 6Page - Microchip Technology TC1264_06 Datasheet HTML 7Page - Microchip Technology TC1264_06 Datasheet HTML 8Page - Microchip Technology TC1264_06 Datasheet HTML 9Page - Microchip Technology TC1264_06 Datasheet HTML 10Page - Microchip Technology TC1264_06 Datasheet HTML 11Page - Microchip Technology TC1264_06 Datasheet HTML 12Page - Microchip Technology TC1264_06 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21375C-page 9
TC1264
3-Lead Plastic (EB) (DDPAK)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
BOTTOM VIEW
TOP VIEW
E
D
b
b1
E1
D2
A
A1
c2
c
L
D1
e
α
φ
(5X)
L3
1
§ Significant Characteristic
Revised 07-19-05
Notes:
Mold Draft Angle
Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
α
7°
Pitch
Number of Pins
Overall Width
Standoff
§
Molded Package Length
Exposed Pad Width
Overall Height
MAX
Units
Dimension Limits
A1
E1
D
E
e
A
.000
.256 REF
INCHES*
1.00 BSC
MIN
3
NOM
MAX
.010
0.00
6.50 REF
MILLIMETERS
.183
MIN
3
2.54 BSC
NOM
0.25
4.65
JEDEC equivalent: TO-252
4.50
.170
.005
0.13
Foot Length
L
.068
--
.110
1.73
--
2.79
Foot Angle
φ
--
--
8°
b1
.049
.050
.051
1.24
1.27
1.30
.177
* Controlling Parameter
4.32
.385
.398
.410
9.78
10.11
10.41
Overall Length
D1
Upper Lead Width
Lead Thickness
c
.014
.020
.026
0.36
0.51
0.66
Pad Thickness
c2
.045
--
.055
1.14
--
1.40
Lower Lead Width
.037
b
.026
.032
0.66
0.81
0.94
3°
--
8°
7°
3°
--
--
--
Exposed Pad Length
D2
.303 REF
7.70 REF
Pad Length
L3
.045
--
.067
1.70
1.14
--
.370
.330
.350
9.40
8.38
8.89
.577
.549
.605
15.37
13.94
14.66
BSC: Basic Dimension. Theoretically, exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com