Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5FTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # VNF9D5FTR
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5FTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button VNF9D5FTR Datasheet HTML 49Page - STMicroelectronics VNF9D5FTR Datasheet HTML 50Page - STMicroelectronics VNF9D5FTR Datasheet HTML 51Page - STMicroelectronics VNF9D5FTR Datasheet HTML 52Page - STMicroelectronics VNF9D5FTR Datasheet HTML 53Page - STMicroelectronics VNF9D5FTR Datasheet HTML 54Page - STMicroelectronics VNF9D5FTR Datasheet HTML 55Page - STMicroelectronics VNF9D5FTR Datasheet HTML 56Page - STMicroelectronics VNF9D5FTR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
An analogue multiplexer has been implemented to connect the different channels to the amplifier and the ADC
block. Due to the current sense amplifier settling time when switching from the current sense mode of one
channel, to the current sense mode of another channel, a priority management is implemented to control the time
when the data conversion can be done in a safe/stable way and to arbitrate the concurrent ADC sampling
requests (see next figures).
Figure 22. Conversion window generation
Conv_wdwx
Outputx
Channelx
tON
A minimum conversion time (tON_CS(min)) is defined to allow the signal stabilization at the input of the ADC
converter and considering the sampling time. The user should manage the phase shift in a way that maximum two
channels can be sampled in the same time window.
Figure 23. Minimum ON time for digital current sense availability
Conv_wdwx
Outputx
Channelx
tON_CS(min)
The sequence of channels to be converted is managed through an internal stack:
VNF9D5F
Diagnostic
DS13946 - Rev 6
page 53/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com