Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5FTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # VNF9D5FTR
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5FTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VNF9D5FTR Datasheet HTML 27Page - STMicroelectronics VNF9D5FTR Datasheet HTML 28Page - STMicroelectronics VNF9D5FTR Datasheet HTML 29Page - STMicroelectronics VNF9D5FTR Datasheet HTML 30Page - STMicroelectronics VNF9D5FTR Datasheet HTML 31Page - STMicroelectronics VNF9D5FTR Datasheet HTML 32Page - STMicroelectronics VNF9D5FTR Datasheet HTML 33Page - STMicroelectronics VNF9D5FTR Datasheet HTML 34Page - STMicroelectronics VNF9D5FTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
The duty cycle of the output signal is configured for each OUTPUTX with the OUTCTRCR register using 10 bits
(MSB first):
•
Programming an output duty cycle at 000h will result in a 0% duty cycle, it means channel always OFF
depending on the SOCR/DIx bit setting.
•
Programming an output duty cycle at 3FFh will result in a 100% duty cycle (4095/4096), it means channel
always ON when the SOCR/DIx bit is set.
–
In normal mode the outputs are driven according to the SPI register setting and INx pins (DIx in OR
with SPI) if the related DIENCR bit is set.
Set PWMSYNC bit in Control Register “CTRL” (to synchronize internal PWM counter to the selected channels).
The internal PWM counter is 12 bits depth, it is active whatever the state of the channels, if VDD >
VDD_POR_ON.
The set of PWMSYNC bit allows to reset the PWM counter.
The phase shift of the output signal is configured for each OUTPUTx by internally concatenating the CHPHAx 5
bits with '00000' in order to get 10 bits (5 bits + 0000). Granularity of the phase shift is 5 bits. CHPHA = 00000b
means a phase shift of 0 (internal 10bit phase shift is 0x000=0000000000b), while CHPHA = 11111b results in a
maximum phase shift of 31/32 = (internal 10bit phase shift is 0x3E0 = 0000000000b). The phase shift is relative to
the base frequency of the selected channel. Thus, the exact point in time when the channel switches on also
depends on the operating mode of the selected channel.
Table 32. Phase shift configuration
Phase Shift (%)
5 Bits
Register (H)
10 Bits
Register (H)
Phase Shift (ms)
PWM = 400 kHz
Divider = 2048
Phase Shift (ms)
PWM = 400 kHz
Divider = 1024
Phase Shift (ms)
PWM = 400 kHz
Divider = 512
9.4
03
60
0.481
0.24
0.12
28.1
09
120
1.439
0.719
0.360
46.9
0F
1E0
2.40
1.2
0.6
75
17
2E0
3.84
1.92
0.96
90
1C
380
4.608
2.304
1.152
A change of phase/duty will be taken in account after the next zero crossing of the PWM counter.
Note:
If the frequency on PWMCLK is too low (f < PWM_Clk), the device falls back to an internally generated PWM
frequency of approximately 400 kHz. In this case the PWMCLOCKLOW bit in the OUTSRx and the global error
flag are set.
4.4.1
OTP programming
A dedicated OTP manages the direct input configuration. A corresponding bit named “MCUext” is stored in a
register and controls the direct input pins functionality.
MCUext = 1 (default)
Table 33. OTP memory map - MCUext = 1
OTP Memory Map Register (3Eh)
bit 1, bit 0
bit 1, bit 0
bit 1, bit 0
bit 1, bit 0
00
01
10
11
CH1
N.A.
N.A.
DI1
OFF
CH0
DI0
DI0
DI1
OFF
In fail-safe mode, the device is configured in auto restart in case of harness protection triggering (automatic
restart will occur when Counter down count will reach 0). ITOFFSRx will be set as soon as harness protection is
triggered, it can be reset only by a R&C command (unlatching the channel, no counter reset).
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 31/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com