Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV324ID Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSV324ID
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV324ID Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSV324ID Datasheet HTML 11Page - STMicroelectronics TSV324ID Datasheet HTML 12Page - STMicroelectronics TSV324ID Datasheet HTML 13Page - STMicroelectronics TSV324ID Datasheet HTML 14Page - STMicroelectronics TSV324ID Datasheet HTML 15Page - STMicroelectronics TSV324ID Datasheet HTML 16Page - STMicroelectronics TSV324ID Datasheet HTML 17Page - STMicroelectronics TSV324ID Datasheet HTML 18Page - STMicroelectronics TSV324ID Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TSV321-TSV358-TSV324
Ordering information
17/19
4
Ordering information
Table 5.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
TSV321RILT
-40°C to +125°C
SOT23-5
Tape & reel
K174
TSV321RAILT
K178
TSV321RIYLT(1)
SOT23-5
(Automotive grade level)
Tape & reel
K179
TSV321RAIYLT(1)
K187
TSV321ID/IDT
SO-8
Tube or
tape & reel
V321ID
TSV321IYD/IYDT(1)
SO-8
(Automotive grade level)
Tube or
tape & reel
V321Y
TSV321AID/IDT
SO-8
Tube or
tape & reel
V321AI
TSV358ID/IDT
SO-8
Tube or
tape & reel
V358ID
TSV358AID/IDT
V358AID
TSV358IYD/IYDT(1)
SO-8
(Automotive grade level)
Tube or
tape & reel
V358YD
TSV358AIYD/AIYDT(1)
V358AY
TSV358IPT
TSSOP8
(Thin shrink outline package)
Tape & reel
V358I
TSV358AIPT
V358A
TSV358IYPT(1)
TSSOP8
(Automotive grade level)
Tape & reel
V358Y
TSV358AIYPT(1)
V58AY
TSV358IST
MiniSO-8
Tape & reel
K175
TSV358AIST
K184
TSV324ID/IDT
SO-14
Tube or
tape & reel
V324ID
TSV324AID/AIDT
V324AI
TSV324IYD/IYDT(1)
SO-14 (Automotive grade level)
Tube or tape & reel
V324YD
TSV324AIYD/AIYDT(1)
V324AY
TSV324IPT
TSSOP14
(Thin shrink outline package)
Tape & reel
V324IP
TSV324AIPT
V324A
TSV324AIYPT(1)
TSSOP14
(Automotive grade level)
Tape & reel
V324AY
TSV324IYPT(1)
V324Y
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com