Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV324ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV324ID
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV324ID Datasheet(HTML) 5 Page - STMicroelectronics

  TSV324ID Datasheet HTML 1Page - STMicroelectronics TSV324ID Datasheet HTML 2Page - STMicroelectronics TSV324ID Datasheet HTML 3Page - STMicroelectronics TSV324ID Datasheet HTML 4Page - STMicroelectronics TSV324ID Datasheet HTML 5Page - STMicroelectronics TSV324ID Datasheet HTML 6Page - STMicroelectronics TSV324ID Datasheet HTML 7Page - STMicroelectronics TSV324ID Datasheet HTML 8Page - STMicroelectronics TSV324ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TSV321-TSV358-TSV324
Electrical characteristics
5/19
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +3V, VDD = 0V, RL, CL connected to VCC/2,
and Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC /2
TSV321/358/324
Tmin < Top < Tmax
TSV321A/358A/324A
Tmin < Top < Tmax
0.2
0.1
3
6
1
3
mV
ΔVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current (1)
Vicm = Vout = VCC /2
Tmin ≤ Tamb ≤ Tmax
330
60
nA
Iib
Input bias current (1)
Vicm = Vout = VCC /2
Tmin ≤ Tamb ≤ Tmax
40
125
150
nA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0
≤ Vicm ≤ VCC, Vout = VCC /2
60
80
dB
Avd
Large signal voltage gain
Vout = 0.5V to 2.5V
RL = 2kΩ
RL = 600Ω
80
74
92
95
dB
VOH
High level output voltage
Vid = 100mV
RL = 2kΩ
RL = 600Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600Ω
2.82
2.80
2.82
2.80
2.95
2.95
V
VOL
Low level output voltage
Vid = -100mV
RL = 2kΩ
RL = 600Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600Ω
88
115
120
160
120
160
mV
Io
Output source current
Vid = 100mV, VO = VDD
20
80
mA
Output sink current
Vid = -100mV, VO = VCC
20
80
ICC
Supply current (per amplifier)
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
420
650
690
μA
GBP
Gain bandwidth product
RL =10kΩ, CL = 100pF, f = 100kHz
1
1.3
MHz
SR
Slew rate
RL =10kΩ, CL = 100pF
0.42
0.6
V/
μs
φm
Phase margin
CL = 100pF
53
Degrees
en
Input voltage noise
27
nV/
√Hz
THD
Total harmonic distortion
0.01
%
1.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com