Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8542TS
Description  2 x 0.7 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542TS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8542TS Datasheet HTML 1Page - NXP Semiconductors TDA8542TS Datasheet HTML 2Page - NXP Semiconductors TDA8542TS Datasheet HTML 3Page - NXP Semiconductors TDA8542TS Datasheet HTML 4Page - NXP Semiconductors TDA8542TS Datasheet HTML 5Page - NXP Semiconductors TDA8542TS Datasheet HTML 6Page - NXP Semiconductors TDA8542TS Datasheet HTML 7Page - NXP Semiconductors TDA8542TS Datasheet HTML 8Page - NXP Semiconductors TDA8542TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Mar 25
4
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier
TDA8542TS
PINNING
SYMBOL
PIN
DESCRIPTION
LGND
1
ground, left channel
n.c.
2
not connected
OUTL+
3
positive loudspeaker terminal,
left channel
MODE
4
operating mode select (standby,
mute, operating)
SVR
5
half supply voltage, decoupling
ripple rejection
BTL/SE
6
BTL loudspeaker or SE
headphone operation
n.c.
7
not connected
OUTR+
8
positive loudspeaker terminal,
right channel
n.c.
9
not connected
RGND
10
ground, right channel
VCCR
11
supply voltage, right channel
n.c.
12
not connected
OUTR
−
13
negative loudspeaker terminal,
right channel
INR
−
14
negative input, right channel
INR+
15
positive input, right channel
INL+
16
positive input, left channel
INL
−
17
negative input, left channel
OUTL
−
18
negative loudspeaker terminal,
left channel
n.c.
19
not connected
VCCL
20
supply voltage, left channel
Fig.2 Pin configuration.
handbook, halfpage
TDA8542TS
MBK453
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LGND
n.c.
OUTL
+
MODE
SVR
BTL/SE
n.c.
OUTR
+
n.c.
RGND
VCCL
n.c.
OUTL
−
INL
−
INL
+
INR
+
INR
−
OUTR
−
n.c.
VCCR
FUNCTIONAL DESCRIPTION
The TDA8542TS is a 2
× 0.7 W BTL audio power amplifier
capable of delivering 2
× 0.7 W output power to a 16 Ω
load at THD = 10% using a 5 V power supply. Using the
MODE pin the device can be switched to standby and
mute condition. The device is protected by an internal
thermal shutdown protection mechanism. The gain can be
set within a range from 6 to 30 dB by external feedback
resistors.
Power amplifier
The power amplifier is a Bridge-Tied Load (BTL) amplifier
with a complementary PNP-NPN output stage.
The voltage loss on the positive supply line is the
saturation voltage of a PNP power transistor, on the
negative side the saturation voltage of a NPN power
transistor. The total voltage loss is <1 V and with a 5 V
supply voltage and with a 16
Ω loudspeaker an output
power of 0.7 W can be delivered.
Mode select pin
The device is in the standby mode (with a very low current
consumption) if the voltage at the MODE pin is
>(VCC − 0.5 V), or if this pin is floating. At a MODE voltage
level of less than 0.5 V the amplifier is fully operational.
In the range between 1.5 V and VCC − 1.5 V the amplifier
is in mute condition. The mute condition is useful to
suppress plop noise at the output caused by charging of
the input capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com