Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8542TS
Description  2 x 0.7 W BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8542TS Datasheet HTML 9Page - NXP Semiconductors TDA8542TS Datasheet HTML 10Page - NXP Semiconductors TDA8542TS Datasheet HTML 11Page - NXP Semiconductors TDA8542TS Datasheet HTML 12Page - NXP Semiconductors TDA8542TS Datasheet HTML 13Page - NXP Semiconductors TDA8542TS Datasheet HTML 14Page - NXP Semiconductors TDA8542TS Datasheet HTML 15Page - NXP Semiconductors TDA8542TS Datasheet HTML 16Page - NXP Semiconductors TDA8542TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Mar 25
13
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier
TDA8542TS
Fig.17 Channel separation as a function of
frequency.
Vo = 1 V, Gv =20dB.
(1) VCC = 5 V, RL =32 Ω, to buffer.
(2) VCC = 7.5 V, RL =4 Ω.
(3) VCC = 9 V, RL =8 Ω.
(4) VCC = 12 V, RL =16 Ω.
(5) VCC = 5 V, RL =32 Ω.
handbook, halfpage
−100
−80
−60
−40
−20
MGD901
10
(2)
102
103
104
f (Hz)
105
(4)
(5)
(1)
(3)
α
cs
(dB)
Fig.18 SVRR as a function of frequency.
RS =0 Ω, Vripple = 100 mV.
(1) Gv =24dB.
(2) Gv =20dB.
(3) Gv = 0 dB.
handbook, halfpage
−80
−60
−40
−20
MGD902
10
102
103
SVRR
(dB)
f (Hz)
104
105
(1)
(2)
(3)
Fig.19 Po as a function of VCC.
THD = 10%.
(1) RL =4 Ω.
(2) RL =8 Ω.
(3) RL =16 Ω.
handbook, halfpage
0
(1)
(2)
(3)
48
Po
(W)
VCC (V)
16
2
0
1.6
12
1.2
0.8
0.4
MBK451
Fig.20 Worst case power dissipation as a function
of VCC.
THD = 10%.
(1) RL =4 Ω.
(2) RL =8 Ω.
(3) RL =16 Ω.
handbook, halfpage
0
3
2
VCC (V)
1
0
48
(1)
(2)
(3)
16
12
MBK452
P
(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com