Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2168A Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2168A
Description  1MHz PWM Synchronous Buck Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168A Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2168A Datasheet HTML 5Page - Micrel Semiconductor MIC2168A Datasheet HTML 6Page - Micrel Semiconductor MIC2168A Datasheet HTML 7Page - Micrel Semiconductor MIC2168A Datasheet HTML 8Page - Micrel Semiconductor MIC2168A Datasheet HTML 9Page - Micrel Semiconductor MIC2168A Datasheet HTML 10Page - Micrel Semiconductor MIC2168A Datasheet HTML 11Page - Micrel Semiconductor MIC2168A Datasheet HTML 12Page - Micrel Semiconductor MIC2168A Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
April 2005
9
M9999-062205
MIC2168A
Micrel, Inc.
I
V
(V m
V
)
V m
f
L
PP
OUT
V
(
V
(
IN
V m
V m
OUT
V
)
V
)
IN
V m
V m
S
f
L
f
L
=
×
−
V
(
V
(V m
V m
V m
V m
V m
V m
× ×
f
L
f
L
f
L
f
L
f
L
f
L
(
)
V m
V max
ax
(
)
V m
V max
ax
×
−
×
−
V m
V m
V m
V max
ax
ax
ax
(
)
V m
V max
ax
Thepeakinductorcurrentisequaltotheaverageoutputcurrent
plus one half of the peak-to-peak inductor ripple current.
I
I
0.5 I
PK
I
I
I
I
OUT
PP
=
+
I
I
I
I
OUT
OUT
×
(
)
max
max
=
+
=
+
max
max
max
max
The RMS inductor current is used to calculate the I2 × R
losses in the inductor.
I
I
x
1
x
1
1
3
I
I
m
INDUCTOR(rms)
I
I
I
I
OUT
P
OUT
I
m
I
m
2
x
1
x
1
=
×
I
I
I
I
OUT
OUT
+


(
)
ma
max
1
x
1
(
)
ma
max
1
x
1
=
×
=
×
ma
ma
ma
max
1
x
1
x
1
x
1
(
)
I
m
I
max
ax
Maximizing efficiency requires the proper selection of core
material and minimizing the winding resistance. The high
frequency operation of the MIC2168A requires the use of
ferrite materials for all but the most cost sensitive applica-
tions. Lower cost iron powder cores may be used but the
increase in core loss will reduce the efficiency of the power
supply. This is especially noticeable at low output power. The
winding resistance decreases efficiency at the higher output
current levels. The winding resistance must be minimized
although this usually comes at the expense of a larger induc-
tor. The power dissipated in the inductor is equal to the sum
of the core and copper losses. At higher output loads, the
core losses are usually insignificant and can be ignored. At
lower output currents, the core losses can be a significant
contributor. Core loss information is usually available from the
magnetics vendor. Copper loss in the inductor is calculated
by the equation below:
P
I
R
INDUCTOR
P
I
P
I
Cu
P
I
P
I
INDUCTOR(rms)
WINDING
2
=
×
P
I
P
I
INDUCTOR(rms)
INDUCTOR(rms) 22
The resistance of the copper wire, RWINDING, increases with
temperature.The value of the winding resistance used should
be at the operating temperature.
R
R
WINDING(hot)
R
R
R
R WINDING(20 C)
=
×
R
R
R
R WINDING(20
WINDING(20 C)
C)
(
)
1 0
1 0.0042
.0042
(T
(T
T
)
T
)
HOT
HOT
20
20
T
)
T
)
T
)
T
)
C
C
T
)
T
)
T
)
T
)
+
×
+
×
1 0
1 0
1 0
1 0.0042
.0042
.0042
.0042
−−
°
°
C)
C)
=
×
=
×
C)
C)
C)
C)
(
)
(
)
1 0
1 0
1 0
1 0.0042
.0042
.0042
.0042
(T
(T
(T
(T
T
)
T
)
T
)
T
)
HOT
HOT
HOT
HOT
T
)
T
)
T
)
T
)
T
)
T
)
T
)
+
×
+
×
+
×
+
×
1 0
1 0
1 0
1 0
1 0
1 0
1 0.0042
.0042
.0042
.0042
.0042
.0042
.0042
where:
THOT = temperature of the wire under operating load
T20°C = ambient temperature
RWINDING(20°C)isroomtemperaturewindingresistance(usu-
ally specified by the manufacturer)
WINDING(20°C)
WINDING(20°C)
Output Capacitor Selection
The output capacitor values are usually determined capaci-
tors ESR (equivalent series resistance). Voltage and RMS
current capability are two other important factors selecting
the output capacitor. Recommended capacitors tantalum,
low-ESR aluminum electrolytics, and POSCAPS. The output
capacitor’s ESR is usually the main cause of output ripple.
The output capacitor ESR also affects the overall voltage
feedbackloopfromstabilitypointofview.See“FeedbackLoop
Compensation” section for more information. The maximum
value of ESR is calculated:
R
V
I
ESR
OUT
PP
≤
∆
where:
VOUT = peak-to-peak output voltage ripple
IPP = peak-to-peak inductor ripple current
The total output ripple is a combination of the ESR output
capacitance. The total ripple is calculated below:
∆V
I
(1 D)
C
f
OUT
PP
I
(
I
(
OUT
C
f
C
fS
C
f
C
f
2
2
=
× −
I
(
I
(1 D
1 D
C
f
C
f


+
×
(
)
I
R
I
R
PP
PP
ESR
ESR
+
×
+
×
I
R
I
R
I
R
I
R
I
R
I
R
I
R
I
R
I
R
I
R
I
R
where:
D = duty cycle
COUT = output capacitance value
fS = switching frequency
The voltage rating of capacitor should be twice the voltage for
a tantalum and 20% greater for an aluminum electrolytic.
The output capacitor RMS current is calculated below:
I
I
12
C
PP
OUT(rms)
=
The power dissipated in the output capacitor is:
P
I
R
DISS(C
P
I
P
I C
ESR(C
)
OUT
OUT(rms) 2
OUT
)
P
I
P
I
=
×
P
I
P
I CC
Input Capacitor Selection
The input capacitor should be selected for ripple current rating
and voltage rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the input
supply on. Tantalum input capacitor voltage rating should
be at least 2 times the maximum input voltage to maximize
reliability. Aluminum electrolytic, OS-CON, and multilayer
polymer film capacitors can handle the higher inrush currents
without voltage derating.The input voltage ripple will primarily
depend on the input capacitor’s ESR. The peak input current
is equal to the peak inductor current, so:
∆V
I
R
IN
V
I
V
IINDUCTOR(peak)
ESR(C
)
IN
=
×
V
I
V
IINDUCTOR(peak)
INDUCTOR(peak)
The input capacitor must be rated for the input current ripple.
The RMS value of input capacitor current is determined at
the maximum output current. Assuming the peak-to-peak
inductor ripple current is low:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com