Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2168A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2168A
Description  1MHz PWM Synchronous Buck Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2168A Datasheet HTML 1Page - Micrel Semiconductor MIC2168A Datasheet HTML 2Page - Micrel Semiconductor MIC2168A Datasheet HTML 3Page - Micrel Semiconductor MIC2168A Datasheet HTML 4Page - Micrel Semiconductor MIC2168A Datasheet HTML 5Page - Micrel Semiconductor MIC2168A Datasheet HTML 6Page - Micrel Semiconductor MIC2168A Datasheet HTML 7Page - Micrel Semiconductor MIC2168A Datasheet HTML 8Page - Micrel Semiconductor MIC2168A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MIC2168A
Micrel, Inc.
M9999-062205
2
April 2005
Pin Configuration
FB
GND
6
5
1
VIN
VDD
CS
COMP/EN
10 BST
HSD
VSW
LSD
9
8
7
2
3
4
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Voltage (Input): 3V to 14.5V.
2
VDD
5V Internal Linear Regulator (Output): VDD is the external MOSFET gate
drive supply voltage and an internal supply bus for the IC. When VIN is <5V,
this regulator operates in dropout mode.
3
CS
Current Sense / Enable (Input): Current-limit comparator noninverting input.
The current limit is sensed across the MOSFET during the ON time. The cur-
rent can be set by the resistor in series with the CS pin.
4
COMP/EN
Compensation (Input): Dual function pin. Pin for external compensation.
If this pin is pulled below 0.2V, with the reference fully up the device shuts
down (50µA typical current draw).
5
FB
Feedback (Input): Input to error amplifier. Regulates error amplifier to 0.8V.
6
GND
Ground (Return).
7
LSD
Low-Side Drive (Output): High-current driver output for external synchro-
nous MOSFET.
8
VSW
Switch (Return): High-side MOSFET driver return.
9
HSD
High-Side Drive (Output): High-current output-driver for the high-side
MOSFET. When VIN is between 3.0V to 5V, 2.5V threshold-rated MOSFETs
should be used. At VIN > 5V, 5V threshold MOSFETs should be used.
10
BST
Boost (Input): Provides the drive voltage for the high-side MOSFET driver.
The gate-drive voltage is higher than the source voltage by VIN minus a
diode drop.
Pin Number
Pin Name
Pin Function
2
VDD
5V Internal Linear Regulator (Output): V
3
CS
Current Sense / Enable (Input): Current-limit comparator noninverting input.
4
COMP/EN
Compensation (Input): Dual function pin. Pin for external compensation.
5
FB
Feedback (Input): Input to error amplifier. Regulates error amplifier to 0.8V.
6
GND
Ground (Return).
7
LSD
Low-Side Drive (Output): High-current driver output for external synchro-
8
VSW
Switch (Return): High-side MOSFET driver return.
9
HSD
High-Side Drive (Output): High-current output-driver for the high-side
10
BST
Boost (Input): Provides the drive voltage for the high-side MOSFET driver.
Pin Number
Pin Name
Pin Function
1
VIN
Supply Voltage (Input): 3V to 14.5V.
2
VDD
5V Internal Linear Regulator (Output): V
3
CS
Current Sense / Enable (Input): Current-limit comparator noninverting input.
4
COMP/EN
Compensation (Input): Dual function pin. Pin for external compensation.
5
FB
Feedback (Input): Input to error amplifier. Regulates error amplifier to 0.8V.
6
GND
Ground (Return).
7
LSD
Low-Side Drive (Output): High-current driver output for external synchro-
8
VSW
Switch (Return): High-side MOSFET driver return.
9
HSD
High-Side Drive (Output): High-current output-driver for the high-side
10
BST
Boost (Input): Provides the drive voltage for the high-side MOSFET driver.
Pin Number
Pin Name
Pin Function
1
VIN
Supply Voltage (Input): 3V to 14.5V.
2
VDD
5V Internal Linear Regulator (Output): V
3
CS
Current Sense / Enable (Input): Current-limit comparator noninverting input.
4
COMP/EN
Compensation (Input): Dual function pin. Pin for external compensation.
5
FB
Feedback (Input): Input to error amplifier. Regulates error amplifier to 0.8V.
6
GND
Ground (Return).
7
LSD
Low-Side Drive (Output): High-current driver output for external synchro-
8
VSW
Switch (Return): High-side MOSFET driver return.
9
HSD
High-Side Drive (Output): High-current output-driver for the high-side
10
BST
Boost (Input): Provides the drive voltage for the high-side MOSFET driver.
Ordering Information
Part Number
Frequency
Junction Temp. Range
Package
Standard
Pb-Free
MIC2168ABMM
MIC2168AYMM
1MHz
-40°C to +125°C
10-Lead MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com