Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC55
Description  1 關A Low Dropout Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 5 Page - Microchip Technology

  TC55_05 Datasheet HTML 1Page - Microchip Technology TC55_05 Datasheet HTML 2Page - Microchip Technology TC55_05 Datasheet HTML 3Page - Microchip Technology TC55_05 Datasheet HTML 4Page - Microchip Technology TC55_05 Datasheet HTML 5Page - Microchip Technology TC55_05 Datasheet HTML 6Page - Microchip Technology TC55_05 Datasheet HTML 7Page - Microchip Technology TC55_05 Datasheet HTML 8Page - Microchip Technology TC55_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21435F-page 5
TC55
TC55RP12: ELECTRICAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, VOUT(S) = 1.2V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
—
1.176
—
1.200
—
1.224
VIOUT = 0.5 mA
VIN = 2.2V
Maximum Output Current
IOUTMAX
50
—
—
mA
VIN = 2.2V, VOUT(A) ≥ 1.08V
Load Regulation
ΔVOUT
——
30
mV
VIN = 2.2V,
1mA
≤ IOUT ≤ 30 mA
I/O Voltage Difference
VDIF
—
—
300
mV
IOUT = 0.5 mA
Current Consumption
ISS
——
3.0
µA
VIN = 2.2V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—
—
0.25
%/V
IOUT = 0.5 ,
2.2V
≤ IOUT ≤ 10.0V
Input Voltage
VIN
——
6.0
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
—
±100
—
ppm/°C IOUT = 0.5 mA, -30°C ≤ TA ≤ +80°C
Long-Term Stability
—
0.5
—
%
TA = +125°C, 1,000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).
Electrical Specifications: Unless otherwise specified, VOUT(S) = 5.0V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (E)
TA
-40
—
+85
ºC
Storage Temperature Range
TA
-65
—
+150
ºC
Package Thermal Resistances
Thermal Resistance, 3L-SOT-23A
θJA
—
359
—
ºC/W
Thermal Resistance, 3L-SOT-89
θJA
—
110
—
ºC/W
When mounted on 1 square
inch of copper
Thermal Resistance, 3L-TO-92
θJA
—
131.9
—
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com