Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC55
Description  1 關A Low Dropout Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC55_05 Datasheet HTML 7Page - Microchip Technology TC55_05 Datasheet HTML 8Page - Microchip Technology TC55_05 Datasheet HTML 9Page - Microchip Technology TC55_05 Datasheet HTML 10Page - Microchip Technology TC55_05 Datasheet HTML 11Page - Microchip Technology TC55_05 Datasheet HTML 12Page - Microchip Technology TC55_05 Datasheet HTML 13Page - Microchip Technology TC55_05 Datasheet HTML 14Page - Microchip Technology TC55_05 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21435F-page 11
TC55
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Symbol
Voltage
Symbol
Voltage
A
x.0
F
x.5
B
x.1
H
x.6
C
x.2
K
x.7
D
x.3Lx.8
E
x.4
M
x.9
3-Pin SOT-23A
3-Pin SOT-89
1
1
2
2
4
3
4
3
1
represents first voltage digit
2V, 3V, 4V, 5V, 6V
Ex: 3.xV = 3
2
represents first decimal place voltage (x.0 - x.9)
Ex: 3.4V = 3 E
3
represents polarity
0 = Positive (fixed)
4
represents assembly lot number
3-Pin TO-92
8
12
4
7
11
3
6
10
2
5
9
1
= 55RP (fixed)
1 , 2 , 3 & 4
5
represents first voltage digit (2-6)
6
represents first voltage decimal (0-9)
7
represents extra feature code: fixed: 0
represents regulation accuracy
8
1 = ±1.0% (custom), 2 = ±2.0% (standard)
9 , 10,
represents assembly lot number
11 & 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com