Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7126 Datasheet HTML 11Page - Microchip Technology TC7126 Datasheet HTML 12Page - Microchip Technology TC7126 Datasheet HTML 13Page - Microchip Technology TC7126 Datasheet HTML 14Page - Microchip Technology TC7126 Datasheet HTML 15Page - Microchip Technology TC7126 Datasheet HTML 16Page - Microchip Technology TC7126 Datasheet HTML 17Page - Microchip Technology TC7126 Datasheet HTML 18Page - Microchip Technology TC7126 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21458C-page 15
TC7126/A
7.3
Analog Common (Pin 32)
The analog common pin is set at a voltage potential
approximately 3V below V+. The potential is between
2.7V and 3.35V below V+. Analog common is tied inter-
nally to an N-channel FET capable of sinking 100
μA.
This FET will hold the common line at 3V should an
external load attempt to pull the common line toward
V+. Analog common source current is limited to 1
μA.
Therefore, analog common is easily pulled to a more
negative voltage (i.e., below V+ – 3V).
The TC7126A connects the internal VIN+ and VIN-
inputs to analog common during the auto-zero phase.
During the reference integrate phase, VIN- is con-
nected to analog common. If VIN- is not externally con-
nected to analog common, a Common mode voltage
exists, but is rejected by the converter’s 86dB Common
mode rejection ratio. In battery operation, analog com-
mon and VIN- are usually connected, removing Com-
mon mode voltage concerns. In systems where VIN- is
connected to power supply ground or to a given
voltage, analog common should be connected to VIN-.
The analog common pin serves to set the analog sec-
tion reference, or common point. The TC7126A is spe-
cifically designed to operate from a battery, or in any
measurement system where input signals are not refer-
enced (float) with respect to the TC7126A’s power
source. The analog common potential of V+ – 3V gives
a 7V end of battery life voltage. The common potential
has a 0.001%/% voltage coefficient and a 15
Ω output
impedance.
With sufficiently high total supply voltage (V+ – V- > 7V),
analog common is a very stable potential with excellent
temperature stability (typically 35ppm/°C). This poten-
tial can be used to generate the TC7126A’s reference
voltage. An external voltage reference will be unneces-
sary in most cases because of the 35ppm/°C tempera-
ture coefficient. See Section 7.5 “TC7126A Internal
Voltage
Reference”,
TC7126A
Internal
Voltage
Reference discussion.
7.4
TEST (Pin 37)
The TEST pin potential is 5V less than V+. TEST may
be used as the negative power supply connection for
external CMOS logic. The TEST pin is tied to the inter-
nally generated negative logic supply through a 500
Ω
resistor. The TEST pin load should be no more than
1mA. See Section 5.0 “DIGITAL SECTION”, Digital
Section for additional information on using TEST as a
negative digital logic supply.
If TEST is pulled HIGH (to V+), all segments plus the
minus sign will be activated. DO NOT OPERATE IN
THIS MODE FOR MORE THAN SEVERAL MINUTES.
With TEST = V+, the LCD segments are impressed
with a DC voltage which will destroy the LCD.
7.5
TC7126A Internal Voltage
Reference
The TC7126A’s analog common voltage temperature
stability has been significantly improved (Figure 7-3).
The “A” version of the industry standard TC7126 device
allows users to upgrade old systems and design new
systems, without external voltage references. External
R and C values do not need to be changed. Figure 7-4
shows analog common supplying the necessary
voltage reference for the TC7126A.
FIGURE 7-3:
Analog Common Temp.
Coefficient
FIGURE 7-4:
TC7126A Internal Voltage
Reference Connection
Typical
Maximum
Typical
Typical
200
180
160
140
120
100
80
60
40
20
0
TC7126A
ICL7136
No
Maximum
Specified
No
Maximum
Specified
ICL7126
V-
ANALOG
COMMON
TC7126A
VREF+
32
35
36
26
240k
Ω
10k
Ω
VREF-
VREF
1
+
9V
SET VREF = 1/2 VREF
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com