| Electronic Components Datasheet Search |
|
TC510COG Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC510COG Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 34 page ![]() © 2006 Microchip Technology Inc. DS21428D-page 25 TC500/A/510/514 24-Lead Plastic Small Outline (OG) – Wide, 300 mil (SOIC) 2 1 D e n B E E1 L c β h φ A2 α A A1 h Foot Angle φ 0° 8° 0° 8° 15° 5° 15° 5° β Mold Draft Angle Bottom 15° 5° 15° 5° α Mold Draft Angle Top 0.51 0.31 .020 .012 B Lead Width 0.33 0.20 .013 .008 c Lead Thickness 1.27 0.40 .050 .016 L Foot Length 0.75 0.25 .030 .010 h Chamfer Distance 15.40 BSC .607 BSC D Overall Length 7.50 BSC .295 BSC E1 Molded Package Width 10.30 BSC .406 BSC E Overall Width 0.30 0.10 .012 .004 A1 Standoff 2.55 2.05 .100 .081 A2 Molded Package Thickness 2.65 2.35 .104 .093 A Overall Height 1.27 BSC .050 BSC e Pitch 24 24 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS* INCHES Units Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. Notes: JEDEC Equivalent: MS-013 AD Revised 07-19-05 * Controlling Parameter per JEDEC MS-103 Revision C. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M Drawing No. C04-025 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |