| Electronic Components Datasheet Search |
|
TC510COG Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC510COG Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 34 page ![]() TC500/A/510/514 DS21428D-page 12 © 2006 Microchip Technology Inc. 7.0 TYPICAL APPLICATIONS 7.1 Component Value Selection The procedure outlined below allows the user to arrive at values for the following TC5XX design variables: 1. Integration Phase Timing. 2. Integrator Timing Components (RINT, CINT). 3. Auto-zero and Reference Capacitors. 4. Voltage Reference. 7.2 Select Integration Time Integration time must be picked as a multiple of the period of the line frequency. For example, TINT times of 33 msec, 66 msec and 132 msec maximize 60 Hz line rejection. 7.3 DINT and IZ Phase Timing The duration of the DINT phase is a function of the amount of voltage stored on the integrator during TINT and the value of VREF. The DINT phase must be initiated immediately following INT and terminated when an inte- grator output zero-crossing is detected. In general, the maximum number of counts chosen for DINT is twice that of INT (with VREF chosen at VIN(MAX) /2). 7.4 Calculate Integrating Resistor (RINT) The desired full-scale input voltage and amplifier output current capability determine the value of RINT. The buffer and integrator amplifiers each have a full-scale current of 20 μA. The value of RINT is, therefore, directly calculated in the following equation: EQUATION 7-1: 7.5 Select Reference (CREF) and Auto- zero (CAZ) Capacitors CREF and CAZ must be low leakage capacitors (such as polypropylene). The slower the conversion rate, the larger the value CREF must be. Recommended capacitors for CREF and CAZ are shown in Table 7-1. Larger values for CAZ and CREF may also be used to limit rollover errors. TABLE 7-1: CREF AND CAZ SELECTION 7.6 Calculate Integrating Capacitor (CINT) The integrating capacitor must be selected to maximize integrator output voltage swing. The integrator output voltage swing is defined as the absolute value of VDD (or VSS) less 0.9V (i.e., IVDD - 0.9VI or IVSS + 0.9VI). Using the 20 μA buffer maximum output current, the value of the integrating capacitor is calculated using the following equation. EQUATION 7-2: It is critical that the integrating capacitor has a very low dielectric absorption. Polypropylene capacitors are an example of one such dialectic. Polyester and poly- bicarbonate capacitors may also be used in less critical applications. Table 7-2 summarizes recommended capacitors for CINT. TABLE 7-2: RECOMMENDED CAPACITOR FOR CINT 7.7 Calculate VREF The reference de-integration voltage is calculated using the following equation: EQUATION 7-3: Where: VIN(MAX) = Maximum input voltage (full count voltage) RINT = Integrating Resistor (in MΩ) For loop stability, RINT should be ≥ 50 kΩ. R INT in MΩ () V IN MAX () 20 ----------------------- = Conversions Per Second Typical Value of CREF, CAZ (μF) Suggested* Part Number >7 0.1 SMR5 104K50J01L4 2 to 7 0.22 SMR5 224K50J02L4 2 or less 0.47 SMR5 474K50J04L4 * Manufactured by Evox Rifa, Inc. Value Suggested Part Number* 0.1 SMR5 104K50J01L4 0.22 SMR5 224K50J02L4 0.33 SMR5 334K50J03L4 0.47 SMR5 474K50J04L4 * Manufactured by Evox Rifa, Inc. Where: TINT = Integration Period VS = IVDDI or IVSSI, whichever is less (TC500/A) VS = IVDDI (TC510, TC514) C IN T T IN T () 20 10 6 – × () V S 0.9 – () --------------------------------------------- = V REF V S 0.9 – () C INT () R INT () 2R INT () -----------------------------------------------------------V = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |