Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 2 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD2452VDREP Datasheet(HTML) 2 Page - Texas Instruments

  THVD2452VDREP Datasheet HTML 1Page - Texas Instruments THVD2452VDREP Datasheet HTML 2Page - Texas Instruments THVD2452VDREP Datasheet HTML 3Page - Texas Instruments THVD2452VDREP Datasheet HTML 4Page - Texas Instruments THVD2452VDREP Datasheet HTML 5Page - Texas Instruments THVD2452VDREP Datasheet HTML 6Page - Texas Instruments THVD2452VDREP Datasheet HTML 7Page - Texas Instruments THVD2452VDREP Datasheet HTML 8Page - Texas Instruments THVD2452VDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 ESD Ratings [IEC]...................................................... 4
5.4 Recommended Operating Conditions.........................5
5.5 Thermal Information....................................................5
5.6 Power Dissipation....................................................... 6
5.7 Electrical Characteristics.............................................7
5.8 Switching Characteristics - 250 kbps.......................... 9
5.9 Switching Characteristics - 1 Mbps...........................10
5.10 Switching Characteristics - 20 Mbps....................... 11
5.11 Switching Characteristics - 50 Mbps....................... 12
5.12 Typical Characteristics............................................ 13
6 Parameter Measurement Information.......................... 15
7 Detailed Description......................................................17
7.1 Overview................................................................... 17
7.2 Functional Block Diagrams....................................... 17
7.3 Feature Description...................................................17
7.4 Device Functional Modes..........................................19
8 Application and Implementation.................................. 21
8.1 Application Information .........................................21
8.2 Typical Application.................................................... 21
8.3 Power Supply Recommendations.............................26
8.4 Layout....................................................................... 27
9 Device and Documentation Support............................28
9.1 Device Support......................................................... 28
9.2 Receiving Notification of Documentation Updates....28
9.3 Support Resources................................................... 28
9.4 Trademarks...............................................................28
9.5 Electrostatic Discharge Caution................................28
9.6 Glossary....................................................................28
10 Revision History.......................................................... 28
11 Mechanical, Packaging, and Orderable
Information.................................................................... 28
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9A – MAY 2024 – REVISED AUGUST 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com