Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 4 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD2452VDREP Datasheet(HTML) 4 Page - Texas Instruments

  THVD2452VDREP Datasheet HTML 1Page - Texas Instruments THVD2452VDREP Datasheet HTML 2Page - Texas Instruments THVD2452VDREP Datasheet HTML 3Page - Texas Instruments THVD2452VDREP Datasheet HTML 4Page - Texas Instruments THVD2452VDREP Datasheet HTML 5Page - Texas Instruments THVD2452VDREP Datasheet HTML 6Page - Texas Instruments THVD2452VDREP Datasheet HTML 7Page - Texas Instruments THVD2452VDREP Datasheet HTML 8Page - Texas Instruments THVD2452VDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Logic supply voltage
VIO
–0.5
VCC + 0.2
V
Bus supply voltage
VCC
–0.5
6.5
V
Bus voltage
Range at any bus pin as differential or common-mode
with respect to GND
–70
70
V
Input voltage
Range at any logic pin (D, DE, SLR or RE)
–0.3
VIO + 0.2
V
Receiver output current
IO
–24
24
mA
Storage temperature
Tstg
–65
170
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001(1)
Bus terminals and GND
±16,000
V
All pins except bus terminals
and GND
±4,000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1,500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 ESD Ratings [IEC]
VALUE
UNIT
V(ESD)
Electrostatic discharge, Half
duplex devices THVD2410V/
2450V-EP (1)
Contact discharge, per IEC 61000-4-2
Bus terminals and GND
±15,000
V
Air-gap discharge, per IEC 61000-4-2
Bus terminals and GND
±15,000
V(ESD)
Electrostatic discharge, Full
duplex devices THVD2452V-
EP (1)
Contact discharge, per IEC 61000-4-2
Bus terminals and GND
±8,000
V
Air-gap discharge, per IEC 61000-4-2
Bus terminals and GND
±8,000
V(EFT)
Electrical fast transient
Per IEC 61000-4-4
Bus terminals
±4,000
V
(1)
For optimized IEC ESD performance, it is recommended to have series resistor (≥ 50 Ω) on all logic inputs to minimize transient
currents going into or out of the logic pins.
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9A – MAY 2024 – REVISED AUGUST 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com