Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8562 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8562
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8562 Datasheet HTML 3Page - NXP Semiconductors TDA8562 Datasheet HTML 4Page - NXP Semiconductors TDA8562 Datasheet HTML 5Page - NXP Semiconductors TDA8562 Datasheet HTML 6Page - NXP Semiconductors TDA8562 Datasheet HTML 7Page - NXP Semiconductors TDA8562 Datasheet HTML 8Page - NXP Semiconductors TDA8562 Datasheet HTML 9Page - NXP Semiconductors TDA8562 Datasheet HTML 10Page - NXP Semiconductors TDA8562 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
July 1994
7
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb = 25 °C; measured in Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
positive supply voltage
note 1
6
14.4
18
V
IP
quiescent current
−
80
160
mA
VO
DC output voltage
note 2
−
6.9
−
V
Mute select switch
Von
switch-on voltage level
8.5
−−
V
MUTE CONDITION
Vmute
mute voltage
3.3
−
6.4
V
VO
output voltage in mute position
VImax = 1 V; f = 1 kHz
−−
2mV
STAND
-BY CONDITION
Vsb
stand-by voltage
0
−
2V
Isb
stand-by current
−−
100
µA
Isw
switch-on current
−
12
40
µA
Diagnostic output (pin 16)
VDIAG
diagnostic output voltage
any short-circuit or clipping
−−
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com