Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8562 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8562
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8562 Datasheet HTML 1Page - NXP Semiconductors TDA8562 Datasheet HTML 2Page - NXP Semiconductors TDA8562 Datasheet HTML 3Page - NXP Semiconductors TDA8562 Datasheet HTML 4Page - NXP Semiconductors TDA8562 Datasheet HTML 5Page - NXP Semiconductors TDA8562 Datasheet HTML 6Page - NXP Semiconductors TDA8562 Datasheet HTML 7Page - NXP Semiconductors TDA8562 Datasheet HTML 8Page - NXP Semiconductors TDA8562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
July 1994
3
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
handbook, full pagewidth
mode
select
switch
MEA865 - 1
output 1
15 k
Ω
15 k
Ω
x1
VA
stand-by
switch
VP
mute
switch
stand-by
reference
voltage
5
13
VP1
VP2
18 k
Ω
2
k
Ω
mute switch
VA
Cm
power stage
18 k
Ω
mute switch
VA
Cm
power stage
6
8
14
18 k
Ω
mute switch
VA
Cm
power stage
18 k
Ω
mute switch
VA
Cm
power stage
12
10
27
11
ground
(signal)
GND1
GND2
power ground (substrate)
output 4
output 3
output 2
input 1
input 4
17
1
TDA8562Q
mute
reference
voltage
input
reference
voltage
2
k
Ω
60
k
Ω
60
k
Ω
input 2
3
PROTECTIONS
thermal
short-circuit
diagnostic
output
16
4
supply voltage
ripple rejection
input 3
15
2
k
Ω
60
k
Ω
2
k
Ω
60
k
Ω
9
not connected
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com