Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC2313F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CSC2313F
Description  Digitally controlled stereo sound quality processor with loudness
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC2313F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CSC2313F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
第 9 页 共 10 页
0
1
1
0
0
1
1
1
C3
C2
C1
C0
C3
C2
C1
C0
低音
高音
1
1
1
1
1
1
1
0
1
1
0
1
1
1
0
0
1
0
1
1
1
0
1
0
1
0
0
1
1
0
0
0
0
2
4
6
8
10
12
14
C3=Sign
例如:
-10dB 的低音通过如下的 8 比特串得到:0 1 1 0 0 0 1 0
SOP28 封装数据
mm
Inch
DIM
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
B1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45°(TYP.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
16.51
0.65
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S
8°(MAX.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com