Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC2313F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSC2313F
Description  Digitally controlled stereo sound quality processor with loudness
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC2313F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSC2313F Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC2313F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
第 1 页 共 10 页
带响度的数字控制立体声音质处理器
功能概述和特性
CSC2313F 是一种集音量、音调、左右声道平衡和前后音量控制为一体的高质量音频处理器。它适用
于车载收音机和高保真音质系统。本产品提供可选择的输入增益和外部响度功能,并且由微处理器串行
I2C
总线介面控制。主要功能如下:
① 输入多路复用:
-3 个立体声输入
-对不同的音源具有最佳适应的可选择的输入增益
② 带响度功能
③ 具有音量控制(每级
1.25dB)
④ 高音和低音控制
⑤ 四个喇叭衰减器:
-四个独立的扬声器均衡和音量控制装置
-独立的静音功能
⑥ 通过串行
I2C 总线可实现所有功能的程序化
封装形式如右图所示
外部应用电路
TEL:0755-82863877 13242913995
E-MAIL:panxia168@126.com


Similar Part No. - CSC2313F

ManufacturerPart #DatasheetDescription
logo
WISDOM INTERNATIONAL TE...
CSC2314F WISWOOD-CSC2314F Datasheet
492Kb / 13P
4-channel input sound processor
More results

Similar Description - CSC2313F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Sep-1997
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7314 STMICROELECTRONICS-TDA7314 Datasheet
111Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com