Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN75 Datasheet(PDF) 4 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 4 Page - Microchip Technology

  TCN75 Datasheet HTML 1Page - Microchip Technology TCN75 Datasheet HTML 2Page - Microchip Technology TCN75 Datasheet HTML 3Page - Microchip Technology TCN75 Datasheet HTML 4Page - Microchip Technology TCN75 Datasheet HTML 5Page - Microchip Technology TCN75 Datasheet HTML 6Page - Microchip Technology TCN75 Datasheet HTML 7Page - Microchip Technology TCN75 Datasheet HTML 8Page - Microchip Technology TCN75 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TCN75
DS21490C-page 4
© 2006 Microchip Technology Inc.
TIMING DIAGRAM
TCN75 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: 2.7V
≤ VDD ≤ 5.5V; -55°C ≤ (TA = TJ) ≤ 125°C, CL = 80 pF, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Serial Port Timing
fSC
Serial Port Frequency
0
100
400
kHz
tLOW
Low Clock Period
1250
—
—
nsec
tHIGH
High Clock Period
1250
—
—
nsec
tR
SCL and SDA Rise Time
—
—
250
nsec
tF
SCL and SDA Fall Time
—
—
250
nsec
tSU(START)
Start Condition Setup Time (for
repeated Start Condition)
1250
—
—
nsec
tSC
SCL Clock Period
2.5
—
—
μsec
tH(START)
Start Condition Hold Time
100
—
—
nsec
tDSU
Data in Setup Time to SCL High
100
—
—
nsec
tDH
Data in Hold Time after SCL Low
0
—
—
nsec
tSU(STOP)
Stop Condition Setup Time
100
—
—
nsec
tIDLE
Bus Free Time Prior to New Transition
1250
—
—
nsec
Note
1:
Output current should be minimized for best temperature accuracy. Power dissipation within the TCN75 will cause self-heating and
temperature drift. At maximum rated output current and saturation voltage, 4 mA and 0.8V, respectively, the error amounts to 0.544°C for
the SOIC.
2:
All part types of the TCN75 will operate properly over the wider power supply range of 2.7V to 5.5V. Each part type is tested and specified
for rated accuracy at its nominal supply voltage. As VDD varies from the nominal value, accuracy will degrade 1°C/V of VDD change.
3:
Human body model, 100 pF discharged through a 1.5k resistor.
SCL
tSC
tDSU
tSU (Stop)
tH (Start)
tDH
SDA
Data In
SDA
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com