Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8563 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8563
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8563 Datasheet HTML 4Page - NXP Semiconductors TDA8563 Datasheet HTML 5Page - NXP Semiconductors TDA8563 Datasheet HTML 6Page - NXP Semiconductors TDA8563 Datasheet HTML 7Page - NXP Semiconductors TDA8563 Datasheet HTML 8Page - NXP Semiconductors TDA8563 Datasheet HTML 9Page - NXP Semiconductors TDA8563 Datasheet HTML 10Page - NXP Semiconductors TDA8563 Datasheet HTML 11Page - NXP Semiconductors TDA8563 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Feb 20
8
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
AC CHARACTERISTICS
VP = 14.4 V; RL =2 Ω; f = 1 kHz; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. Dynamic distortion detector active.
2. Frequency response externally fixed.
3. Vripple =Vripple(max) = 2 V (p-p); Rs =0 Ω.
4. B = 20 Hz to 20 kHz; Rs =0 Ω.
5. B = 20 Hz to 20 kHz; Rs =10kΩ.
6. B = 20 Hz to 20 kHz; independent of Rs.
7. Po = 25 W; Rs =10kΩ.
8. Vi =Vi(max) = 1 V (RMS).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5%
25
30
−
W
THD = 10%
33
40
−
W
THD = 30%
45
55
−
W
Po
output power
THD = 0.5%; VP = 13.2 V −
25
−
W
THD = 10%; VP = 13.2 V
−
35
−
W
THD
total harmonic distortion
Po =1W
−
0.1
−
%
V12 ≤ 0.6 V; note 1
−
2.2
−
%
B
power bandwidth
THD = 0.5%;
Po = −1dB
with respect to 25 W
−
20 to 20000
−
Hz
flr
low frequency roll-off
at
−1 dB; note 2
−
25
−
Hz
fhr
high frequency roll-off
at
−1dB
20
−−
kHz
Gv
closed loop voltage gain
25
26
27
dB
SVRR
supply voltage ripple rejection
on
note 3
50
−−
dB
mute
note 3
50
−−
dB
standby
note 3
80
−−
dB
Zi
input impedance
25
30
38
k
Ω
Vno
noise output voltage
on
note 4
−
85
120
µV
on
note 5
−
100
−µV
mute
note 6
−
60
−µV
αcs
channel separation
note 7
45
−−
dB
∆Gv
channel unbalance
−−
1dB
Vo
output voltage in mute
note 8
−−
2mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com