Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8563 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8563
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8563 Datasheet HTML 6Page - NXP Semiconductors TDA8563 Datasheet HTML 7Page - NXP Semiconductors TDA8563 Datasheet HTML 8Page - NXP Semiconductors TDA8563 Datasheet HTML 9Page - NXP Semiconductors TDA8563 Datasheet HTML 10Page - NXP Semiconductors TDA8563 Datasheet HTML 11Page - NXP Semiconductors TDA8563 Datasheet HTML 12Page - NXP Semiconductors TDA8563 Datasheet HTML 13Page - NXP Semiconductors TDA8563 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Feb 20
10
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
TEST AND APPLICATION INFORMATION
(1) To avoid high energy switching pulses which can feedback to the inputs it is advisable to ensure that the value of the resistor at pin 12 is
≥10 kΩ.
Fig.6 Stereo BTL test/application diagram.
handbook, full pagewidth
MGL074
100
nF
mode switch
11
3
10
470 nF
1
4
6
470 nF
13
9
7
58
VP
TDA8563AQ
2200
µF
30
k
Ω
reference
voltage
2
ground (signal)
30
k
Ω
input 2
input 1
power ground (substrate)
12
10 k
Ω
VP
diagnostic
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com