Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811 Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM811
Description  4-Pin Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811 Datasheet(HTML) 3 Page - Microchip Technology

  TCM811 Datasheet HTML 1Page - Microchip Technology TCM811 Datasheet HTML 2Page - Microchip Technology TCM811 Datasheet HTML 3Page - Microchip Technology TCM811 Datasheet HTML 4Page - Microchip Technology TCM811 Datasheet HTML 5Page - Microchip Technology TCM811 Datasheet HTML 6Page - Microchip Technology TCM811 Datasheet HTML 7Page - Microchip Technology TCM811 Datasheet HTML 8Page - Microchip Technology TCM811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21615C-page 3
TCM811/TCM812
MR Input Threshold
VIH
2.3
—
—
V
VDD > VTH(MAX), TCM81_L/M
0.7 VDD
——
V
VDD > VTH(MAX), TCM81_R/S/T/F
VIL
——
0.8
V
VDD > VTH(MAX), TCM81_L/M
—
—
0.25 VDD
VVDD > VTH(MAX), TCM81_R/S/T/F
MR Pull-up Resistance
10
20
40
k
Ω
RESET Output Voltage Low
(TCM811)
VOL
—
—
0.3
V
TCM811R/S/T only;
I
SINK = 1.2 mA, V
DD = VTH(MIN)
—
—
0.4
V
TCM811F only;
I
SINK = 500 µA, V
DD = VTH(MIN)
—
—
0.3
V
TCM811L/M only;
I
SINK = 3.2 mA, V
DD = VTH(MIN)
I
SINK = 3.2 mA, V
DD = VTH(MIN)
RESET Output Voltage High
(TCM811)
VOH
0.8 VDD
—
—
V
TCM811R/S/T/F only;
I
SOURCE = 500 µA, V
DD > VTH(MAX)
VDD - 1.5
—
—
V
TCM811L/M only;
I
SOURCE = 800 µA, V
DD > VTH(MAX)
RESET Output Voltage Low
(TCM812)
VOL
—
—
0.2
V
TCM812F only, I
SINK = 500 µA,
V
DD = V
TH(MAX)
—
—
0.3
V
TCM812R/S/T only, I
SINK = 1.2 mA,
V
DD = V
TH(MAX)
—
—
0.4
V
TCM812L/M only, I
SINK = 1.2 mA,
V
DD = V
TH(MAX)
RESET Output Voltage High
(TCM812)
VOH
0.8 VDD
——
V
I
SOURCE = 150 µA, V
DD ≤ VTH(MIN)
VDD = 5V for L/M versions, VDD = 3.3V for T/S versions, VDD = 3V for R version, VDD = 2.0V for F version.
Unless otherwise noted, TA = –40°C to +85°C. Typical values are at TA = +25°C. (Note 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Production testing done at T
A = +25°C and +85°C, overtemperature limits are tested with periodic QA tests
in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com