Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811 Datasheet(PDF) 7 Page - Microchip Technology

Part # TCM811
Description  4-Pin Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TCM811 Datasheet HTML 3Page - Microchip Technology TCM811 Datasheet HTML 4Page - Microchip Technology TCM811 Datasheet HTML 5Page - Microchip Technology TCM811 Datasheet HTML 6Page - Microchip Technology TCM811 Datasheet HTML 7Page - Microchip Technology TCM811 Datasheet HTML 8Page - Microchip Technology TCM811 Datasheet HTML 9Page - Microchip Technology TCM811 Datasheet HTML 10Page - Microchip Technology TCM811 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21615C-page 7
TCM811/TCM812
4.0
APPLICATIONS INFORMATION
The
TCM811/TCM812
provides
accurate
VDD
monitoring and reset timing during power-up, power-
down, and brownout/sag conditions. These devices
also reject negative-going transients (glitches) on the
power supply line. Figure 4-1 shows the maximum
transient duration vs. maximum negative excursion
(overdrive) for glitch rejection. Any combination of
duration and overdrive that is under the curve will not
generate a reset signal. Combinations above the curve
are detected as a brownout or power-down. Transient
immunity can be improved by adding a 0.1 µF capacitor
in close proximity to the VDD pin of the TCM811/
TCM812.
FIGURE 4-1:
Maximum Transient Duration
vs. Overdrive for Glitch Rejection at +25°C.
4.1
RESET Signal Integrity During
Power-Down
The TCM811 RESET push-pull output is valid to
VDD = 1.0V. Below this voltage the output becomes an
"open circuit" and does not sink current. This means
CMOS logic inputs to the microcontroller will be floating
at an undetermined voltage. Most digital systems are
completely shutdown well above this voltage. How-
ever, in situations where RESET must be maintained
valid to VDD = 0V, a pull-down resistor must be con-
nected from RESET to ground to discharge stray
capacitances and hold the output low (Figure 4-2). This
resistor value, though not critical, should be chosen
such that it does not appreciably load RESET under
normal operation (100 k
Ω will be suitable for most
applications). Similarly, a pull-up resistor to VDD is
required for the TCM812 to ensure a valid high RESET
for VDD below 1.1V.
FIGURE 4-2:
The addition of R1 at the
RESET output of the TCM811 ensures that the
RESET output is valid to V
DD = 0V.
4.2
Controllers and Processors With
Bidirectional I/O Pins
Some microcontrollers have bidirectional reset pins.
Depending on the current drive capability of the
controller pin, an indeterminate logic level may result if
there is a logic conflict. This can be avoided by adding
a 4.7 k
Ω resistor in series with the output of the
TCM811/TCM812 (Figure 4-3). If there are other
components in the system which require a reset signal,
they should be buffered so as not to load the reset line.
If the other components are required to follow the reset
I/O of the microcontroller, the buffer should be
connected as shown with the solid line.
FIGURE 4-3:
Interfacing the TCM811 to a
Bidirectional Reset I/O.
RESET COMPARATOR OVERDRIVE,
VTH - VDD (mV)
400
240
160
320
80
0
1
10
100
1000
TA = +25˚C
VTH
Duration
Overdrive =
VD D
VDD
TCM81xL/M
TCM81xR/S/T
TCM811
V
DD
V
DD
R1
100 k
Ω
RESET
GND
4
2
0.1µF
1
TCM811
V
DD
RESET
GND
RESET
GND
Buffered RESET
To Other System
Components
BUFFER
Micro
4.7 k
Ω
controller
0.1µF
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com