| Electronic Components Datasheet Search |
|
AD9912ABCPZ Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9912ABCPZ Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 38 page ![]() Data Sheet AD9912 I/O REGISTER DESCRIPTIONS analog.com Rev. G | 32 of 38 SERIAL PORT CONFIGURATION (REGISTER 0X0000 TO REGISTER 0X0005) Register 0x0000—Serial Port Configuration Table 13. Bits Bit Name Description [7:4] These bits are the mirror image of Bits[3:0]. 3 Long instruction Read-only; the AD9912 supports only long instructions. 2 Soft reset Resets register map, except for Register 0x0000. Setting this bit forces a soft reset, meaning that S1 to S4 are not tristated, nor is their state read when this bit is cleared. The AD9912 assumes the values of S1 to S4 that were present during the last hard reset. This bit is not self-clearing, and all other registers are restored to their default values after a soft reset. 1 LSB first Sets bit order for serial port. 1 = LSB first. 0 = MSB first. I/O update must occur for the MSB first to take effect. 0 SDO active Enables SDO pin. 1 = SDO pin enabled (4-wire serial port mode). 0 = 3-wire mode. Register 0x0001—Reserved Register 0x0002 and Register 0x0003—Part ID (Read-Only) Register 0x0004—Serial Options Table 14. Bits Bit Name Description 0 Read buffer register For buffered registers, serial port readback reads from actual (active) registers instead of the buffer. 1 = reads the buffered values that take effect during the next I/O update. 0 = reads values that are currently in effect. Register 0x0005—Serial Options (Self Clearing) Table 15. Bits Bit Name Description 0 Register update Software access to the register update pin function. Writing a 1 to this bit is identical to performing an I/O update. POWER-DOWN AND RESET (REGISTER 0X0010 TO REGISTER 0X0013) Register 0x0010—Power-Down and Enable Power-up default is defined by the start-up pins. Table 16. Bits Bit Name Description 7 PD HSTL driver Powers down HSTL output driver. 1 = HSTL driver powered down. 6 Enable CMOS driver Powers up CMOS output driver. 1 = CMOS driver on. 5 Enable output doubler Powers up output clock generator doubler. Output doubler must still be enabled in Register 0x0200. 4 PD SYSCLK PLL System clock multiplier power-down. 1 = system clock multiplier powered down. If the S4 pin is tied high at power-up or reset, this bit is set, and the default value for Register 0x0010 is D0, not C0. 1 Full PD Setting this bit is identical to activating the PD pin and puts all blocks (except serial port) into power-down mode. SYSCLK is turned off. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |