Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9912ABCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 16Page - Analog Devices AD9912ABCPZ Datasheet HTML 17Page - Analog Devices AD9912ABCPZ Datasheet HTML 18Page - Analog Devices AD9912ABCPZ Datasheet HTML 19Page - Analog Devices AD9912ABCPZ Datasheet HTML 20Page - Analog Devices AD9912ABCPZ Datasheet HTML 21Page - Analog Devices AD9912ABCPZ Datasheet HTML 22Page - Analog Devices AD9912ABCPZ Datasheet HTML 23Page - Analog Devices AD9912ABCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Data Sheet
AD9912
THEORY OF OPERATION
analog.com
Rev. G | 20 of 38
SYSCLK PLL Multiplier
When the SYSCLK PLL multiplier path is employed, the frequency
applied to the SYSCLK input pins must be limited so as not to
exceed the maximum input frequency of the SYSCLK PLL phase
detector. A block diagram of the SYSCLK generator appears in
Figure 45.
Figure 45. Block Diagram of the SYSCLK PLL
The SYSCLK PLL multiplier has a 1 GHz VCO at its core. A phase/
frequency detector (PFD) and charge pump provide the steering
signal to the VCO in typical PLL fashion. The PFD operates on
the falling edge transitions of the input signal, which means that
the loop locks on the negative edges of the reference signal. The
charge pump gain is controlled via the I/O register map by selecting
one of three possible constant current sources ranging from 125
μA to 375 μA in 125 μA steps. The center frequency of the VCO
is also adjustable via the I/O register map and provides high/low
gain selection. The feedback path from VCO to PFD consists of a
fixed divide-by-2 prescaler followed by a programmable divide-by-N
block, where 2 ≤ N ≤ 33. This limits the overall divider range to any
even integer from 4 to 66, inclusive. The value of N is programmed
via the I/O register map via a 5-bit word that spans a range of 0
to 31, but the internal logic automatically adds a bias of 2 to the
value entered, extending the range to 33. Care should be taken
when choosing these values so as not to exceed the maximum
input frequency of the SYSCLK PLL phase detector or SYSCLK
PLL doubler. These values can be found in the AC Specifications
section.
External Loop Filter (SYSCLK PLL)
The loop bandwidth of the SYSCLK PLL multiplier can be adjusted
by means of three external components as shown in Figure 46.
The nominal gain of the VCO is 800 MHz/V. The recommended
component values (shown in Table 6) establish a loop bandwidth
of approximately 1.6 MHz with the charge pump current set to 250
μA. The default case is N = 40, and it assumes a 25 MHz SYSCLK
input frequency and generates an internal DAC sampling frequency
(fS) of 1 GHz.
Figure 46. External Loop Filter for SYSCLK PLL
Table 6. Recommended Loop Filter Values for a Nominal 1.5 MHz SYSCLK
PLL Loop Bandwidth
Multiplier
R1
Series C1
Shunt C2
<8
390 Ω
1 nF
82 pF
10
470 Ω
820 pF
56 pF
20
1 kΩ
390 pF
27 pF
40 (default)
2.2 kΩ
180 pF
10 pF
60
2.7 kΩ
120 pF
5 pF
Detail of SYSCLK Differential Inputs
A diagram of the SYSCLK input pins is provided in Figure 47.
Included are details of the internal components used to bias the
input circuitry. These components have a direct effect on the static
levels at the SYSCLK input pins. This information is intended to
aid in determining how best to interface to the device for a given
application.
Figure 47. Differential SYSCLK Inputs
Note that the SYSCLK PLL bypassed and SYSCLK PLL enabled
input paths are internally biased to a dc level of ~1 V. Care should
be taken to ensure that any external connections do not disturb the
dc bias because this may significantly degrade performance. Gen-
erally, it is recommended that the SYSCLK inputs be ac‑coupled,
except when using a crystal resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com