Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6024-I/MS
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6024-I/MS Datasheet HTML 1Page - Microchip Technology MCP6024-I/MS Datasheet HTML 2Page - Microchip Technology MCP6024-I/MS Datasheet HTML 3Page - Microchip Technology MCP6024-I/MS Datasheet HTML 4Page - Microchip Technology MCP6024-I/MS Datasheet HTML 5Page - Microchip Technology MCP6024-I/MS Datasheet HTML 6Page - Microchip Technology MCP6024-I/MS Datasheet HTML 7Page - Microchip Technology MCP6024-I/MS Datasheet HTML 8Page - Microchip Technology MCP6024-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21685C-page 1
MCP6021/1R/2/3/4
Features
• Rail-to-Rail Input/Output
• Wide Bandwidth: 10 MHz (typ.)
• Low Noise: 8.7 nV/
√Hz, at 10 kHz (typ.)
• Low Offset Voltage:
- Industrial Temperature: ±500 µV (max.)
- Extended Temperature: ±250 µV (max.)
• Mid-Supply VREF: MCP6021 and MCP6023
• Low Supply Current: 1 mA (typ.)
• Total Harmonic Distortion: 0.00053% (typ., G = 1)
• Unity Gain Stable
• Power Supply Range: 2.5V to 5.5V
• Temperature Range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Typical Applications
• Automotive
• Driving A/D Converters
• Multi-Pole Active Filters
• Barcode Scanners
• Audio Processing
• Communications
• DAC Buffer
• Test Equipment
• Medical Instrumentation
Available Tools
• SPICE Macro Model (at www.microchip.com)
•FilterLab® software (at www.microchip.com)
Typical Application
Description
The MCP6021, MCP6021R, MCP6022, MCP6023 and
MCP6024 from Microchip Technology Inc. are rail-to-
rail input and output op amps with high performance.
Key specifications include: wide bandwidth (10 MHz),
low noise (8.7 nV/
√Hz), low input offset voltage and low
distortion (0.00053% THD+N). The MCP6023 also
offers a Chip Select pin (CS) that gives power savings
when the part is not in use.
The single MCP6021 and MCP6021R are available in
SOT-23-5. The single MCP6021, single MCP6023 and
dual MCP6022 are available in 8-lead PDIP, SOIC and
TSSOP. The Extended Temperature single MCP6021
is available in 8-lead MSOP. The quad MCP6024 is
offered in 14-lead PDIP, SOIC and TSSOP packages.
The MCP6021/1R/2/3/4 family is available in Industrial
and Extended temperature ranges. It has a power
supply range of 2.5V to 5.5V.
Package Types
Photo
Detector
100 pF
5.6 pF
100 k
Ω
VDD/2
MCP6021
Transimpedance Amplifier
MCP6021
SOT-23-5
1
2
3
5
4
VDD
VIN–
VOUT
VSS
VIN+
MCP6022
PDIP SOIC, TSSOP
1
2
3
4
8
7
6
5
CS
VDD
VOUT
VREF
NC
VIN–
VIN+
VSS
MCP6023
PDIP SOIC, TSSOP
1
2
3
4
8
7
6
5
VDD
VOUTB
VINB–
VINB+
VOUTA
VINA–
VINA+
VSS
MCP6024
PDIP SOIC, TSSOP
1
2
3
4
VOUTD
VIND–
VIND+
VSS
VOUTA
VINA–
VINA+
VDD
VINC+
VINC–
VOUTC
5
6
7
VINB+
VINB–
VOUTB
14
13
12
11
10
9
8
MCP6021
PDIP SOIC,
MSOP, TSSOP
1
2
3
4
8
7
6
5
NC
VDD
VOUT
VREF
NC
VIN–
VIN+
VSS
MCP6021R
SOT-23-5
1
2
3
5
4
VSS
VIN–
VOUT
VDD
VIN+
Rail-to-Rail Input/Output, 10 MHz Op Amps


Similar Part No. - MCP6024-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6024-I/MS MICROCHIP-MCP6024-I/MS Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
More results

Similar Description - MCP6024-I/MS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com