Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP619 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP619
Description  High Current Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP619 Datasheet(HTML) 3 Page - Sipex Corporation

  SP619 Datasheet HTML 1Page - Sipex Corporation SP619 Datasheet HTML 2Page - Sipex Corporation SP619 Datasheet HTML 3Page - Sipex Corporation SP619 Datasheet HTML 4Page - Sipex Corporation SP619 Datasheet HTML 5Page - Sipex Corporation SP619 Datasheet HTML 6Page - Sipex Corporation SP619 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jul23-07 Rev K
SP69 High Current Power Switch
© 2007 Sipex Corporation
FAULT AND RECOVERy TRUTH TAbLE*
Enable
Load
Temperature
(TJ)
Previous
State
Switch Current State/Fault
(Note*)
Low
X
X
X
Open
Off
High
< 800 mA
< 63ºC
Off
Closed
Normal
High
< 800 mA
> 63ºC
Off
Open
Thermal Cutoff
High
> 800 mA
< 63ºC
Off
Open
Overcurrent
High
> 800 mA
> 63ºC
Off
Open
Thermal Cutoff,
Overcurrent
High
< 15kΩ
< 63ºC
Overcurrent
Open
Load Condition
High
< 15kΩ
> 63ºC
Overcurrent
Open
Thermal Cutoff,
Overcurrent, Load
Condition
High
> 15kΩ
< 63ºC
Overcurrent
Closed
Normal
High
> 15kΩ
> 63ºC
Overcurrent
Open
Thermal Cutoff
High
< 15kΩ
< 20ºC
Thermal Cutoff
Open
Load Condition
High
< 15kΩ
> 20ºC
Thermal Cutoff
Open
Load Condition,
Thermal Cutoff
High
> 15kΩ
< 20ºC
Thermal Cutoff Closed
Normal
High
> 15kΩ
> 20ºC
Thermal Cutoff
Open
Thermal Cutoff
*Note: This table is for fault conditions, not for continuous operation, else damage to the device may
occur. In order to recover to the normal state after a Thermal Cutoff fault, the part’s junction temper-
ature must decrease below 120ºC and the load on its output must be greater than 15kΩ.
PIN ASSIgNMENTS
PIN
NUMbER
PIN
NAME
FUNCTION

Vin
Input power supply pin (2.5V to 7.0V)
2
GND
Ground connection
3
Enable
A logic high turns on the switch
4
NC
No connect
5
NC
No connect
6
Vout
Switch output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com