Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP619 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP619
Description  High Current Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP619 Datasheet(HTML) 4 Page - Sipex Corporation

  SP619 Datasheet HTML 1Page - Sipex Corporation SP619 Datasheet HTML 2Page - Sipex Corporation SP619 Datasheet HTML 3Page - Sipex Corporation SP619 Datasheet HTML 4Page - Sipex Corporation SP619 Datasheet HTML 5Page - Sipex Corporation SP619 Datasheet HTML 6Page - Sipex Corporation SP619 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Jul23-07 Rev K
SP69 High Current Power Switch
© 2007 Sipex Corporation
4
THEORy OF OPERATION
The SP69 is a switch capable of handling
up to 800mA of current. 7V capability al-
lows the user to have a wide input voltage
range that covers the typical Lithium bat-
tery range as well as higher 5V input volt-
age rails commonly found in USB power.
The SP69 also can be used as a 3V or 5V
power distribution switch. It is intended for
power distribution applications where short
circuits are likely to be encountered.
Short circuit operation
When the SP69 enters a short circuit con-
dition, the switch is disabled. The output
of the SP69 will not restart until the out-
put impedance is greater than 15KΩ. The
enable pin can be used to re-enable the
SP69 into any load condition that is not
a fault condition. Refer to the truth table on
page 4 for more information on the differ-
ent SP69 switch states. The typical deac-
tivation time is about 2ms.
Enable
The enable pin allows easy control of the
SP69. The enable pin should not be en-
abled high prior to a voltage being pres-
ent on the input of the device. The enable
pin should not exceed the input voltage by
more than 0.1V due to an internal ESD di-
ode. Doing so will affect the operation of
the SP69 and could damage the device.
In a typical application an 80KΩ resistor to
GND should be used on the enable pin.
This resistor will pull the enable low when
an enable signal is not present. This pre-
vents the SP69 from falsely turning on.
The enable pin can also be used to restart
the part into a load condition that is high in
current. Please refer to the truth table on
page 4 for more details.
Inrush Current
The SP69 is a simple resistive switch.
When the switch is turned on into a highly
capacitive load there could be a significant
inrush current that can be encountered.
At 6 volts in, the inrush current was about
250mA into a 00µF capacitor.
Output Voltage Rise Time
The output voltage of the SP69 has an
output capacitance dependency on the
slope of Vout. A simple RC circuit is cre-
ated when the switch is turned on.
Equation 1
V(t)=Vo+Vin
(
(
Rds(on) • Cout
-t
Where Vo is initial Voltage condition typi-
cally 0V
Vin is the input voltage
Rds(on) is the switch resistance
Cout is the output capacitance
For 4.2V Vin and 00µF output capacitance
we get about 150ns delay in figure 2.
4.17
3.33
2.5
1.67
0.83
0
0
0.33
0.67
1
1.33
1.67
2
time in uS
VOUT
This is comparable to actual measured
value in figure 3.
-e



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com