Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1301A-ADAVUATR Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1301A-ADAVUATR
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1301A-ADAVUATR Datasheet HTML 2Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 3Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 4Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 5Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 6Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 7Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 8Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 9Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TC1301A/B
DS21798B-page 6
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage.
FIGURE 2-2:
SHDN Voltage Threshold
vs. Input Voltage.
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature.
FIGURE 2-4:
Output Voltage vs. Input
Voltage.
FIGURE 2-5:
Output Voltage vs. Input
Voltage.
FIGURE 2-6:
Dropout Voltage vs. Output
Current (VOUT1).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
50
100
150
200
250
300
350
2.73.0 3.33.6 3.94.2 4.54.8 5.15.4 5.76.0
Input Voltage (V)
VOUT2 SHDN
VOUT2 Active
TJ = 25°C
IOUT1 = IOUT2 = 0 µA
VOUT1 Active
TC1301B
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
ON
OFF
40
50
60
70
80
90
100
110
120
130
140
-40 -25 -10
5
20 35 50 65
80 95 110 125
Junction Temperature (°C)
VIN = 4.2V
IOUT1 = IOUT2 = 0 µA
VOUT1 Active
VOUT2 SHDN
VOUT2 Active
TC1301B
2.60
2.70
2.80
2.90
3.00
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
TJ = 25°C
IOUT1 = 100 mA
IOUT2 = 50 mA
VOUT1
VOUT2
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
TJ = +25°C
IOUT1 = 300 mA
IOUT2 = 100 mA
VOUT1
VOUT2
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0
50
100
150
200
250
300
I
OUT1 (mA)
VR1 = 2.8V
VR2 = 2.6V
IOUT2 = 100 µA
TJ = - 40°C
TJ = +25°C
TJ = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com