Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1301A-ADAVUATR Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1301A-ADAVUATR
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1301A-ADAVUATR Datasheet HTML 3Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 4Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 5Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 6Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 7Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 8Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 9Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 10Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21798B-page 7
TC1301A/B
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C.
FIGURE 2-7:
Dropout Voltage vs.
Junction Temperature (VOUT1).
FIGURE 2-8:
Dropout Voltage vs. Output
Current (VOUT2).
FIGURE 2-9:
Dropout Voltage vs.
Junction Temperature (VOUT2).
FIGURE 2-10:
VOUT1 and VOUT2 Load
Regulation vs. Junction Temperature.
FIGURE 2-11:
VOUT1 and VOUT2 Line
Regulation vs. Junction Temperature.
FIGURE 2-12:
VOUT1 vs. Junction
Temperature.
0
20
40
60
80
100
120
140
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V
VR2 = 2.6V
IOUT2 = 100 µA
IOUT1 = 300 mA
IOUT1 = 100 mA
IOUT1 = 50 mA
0
20
40
60
80
100
120
140
160
180
0
30
60
90
120
150
I
OUT2 (mA)
VR1 = 2.8V
VR2 = 2.6V
IOUT1 = 100 µA
TJ = +125°C
TJ = +25°C
TJ = - 40°C
0
20
40
60
80
100
120
140
160
180
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V
VR2 = 2.6V
IOUT1 = 100 µA
IOUT2 = 150 mA
IOUT2 = 50 mA
IOUT2 = 10 mA
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (125°C)
IOUT2 = 0.1 mA to 150 mA
IOUT1 = 0.1 mA to 300 mA
VR1 = 2.8V
VR2 = 2.6V
VIN = 4.2
VOUT2
VOUT1
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VIN = 3.8V to 6.0V
VR1 = 2.8V, IOUT1 = 100 µA
VR2 = 2.6V, IOUT2 = 100 µA
VOUT1
VOUT2
2.808
2.812
2.816
2.820
2.824
2.828
2.832
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VIN = 4.2V
VR1 = 2.8V
VR2 = 2.6V, IOUT2 = 100 µA
IOUT1 = 300 mA
IOUT1 = 100 µA
IOUT1 = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com