Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6023-I/ST Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6023-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6023-I/ST Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6023-I/ST Datasheet HTML 2Page - Microchip Technology MCP6023-I/ST Datasheet HTML 3Page - Microchip Technology MCP6023-I/ST Datasheet HTML 4Page - Microchip Technology MCP6023-I/ST Datasheet HTML 5Page - Microchip Technology MCP6023-I/ST Datasheet HTML 6Page - Microchip Technology MCP6023-I/ST Datasheet HTML 7Page - Microchip Technology MCP6023-I/ST Datasheet HTML 8Page - Microchip Technology MCP6023-I/ST Datasheet HTML 9Page - Microchip Technology MCP6023-I/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP6021/1R/2/3/4
DS21685C-page 6
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD =+2.5V to +5.5V, VSS = GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2 and CL =60 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Temperature.
FIGURE 2-8:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-9:
CMRR, PSRR vs.
Frequency.
FIGURE 2-10:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-11:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-12:
CMRR, PSRR vs.
Temperature.
-300
-250
-200
-150
-100
-50
0
50
100
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 5.0V
V
CM = 0V
1
10
100
1,000
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
0.1
1
10
100
1k
10k
1M
100k
20
30
40
50
60
70
80
90
100
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
PSRR+
PSRR-
CMRR
100
1k
10k
100k
1M
-200
-150
-100
-50
0
50
100
150
200
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 5.5V
VCM = VDD/2
VDD = 2.5V
0
2
4
6
8
10
12
14
16
18
20
22
24
Common Mode Input Voltage (V)
VDD = 5.0V
f = 1 kHz
f = 10 kHz
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (VCM = 0V)
CMRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com