Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6023-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6023-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6023-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6023-I/ST Datasheet HTML 14Page - Microchip Technology MCP6023-I/ST Datasheet HTML 15Page - Microchip Technology MCP6023-I/ST Datasheet HTML 16Page - Microchip Technology MCP6023-I/ST Datasheet HTML 17Page - Microchip Technology MCP6023-I/ST Datasheet HTML 18Page - Microchip Technology MCP6023-I/ST Datasheet HTML 19Page - Microchip Technology MCP6023-I/ST Datasheet HTML 20Page - Microchip Technology MCP6023-I/ST Datasheet HTML 21Page - Microchip Technology MCP6023-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP6021/1R/2/3/4
DS21685C-page 18
© 2006 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SOT-23 (MCP6021/MCP6021R)
Example: (E-temp)
XXNN
EY25
Device
E-Temp Code
MCP6021
EYNN
MCP6021R
EZNN
Note: Applies to 5-Lead SOT-23
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
MCP6021
I/P256
0331
MCP6021
E/P^^256
0549
OR
3
e
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6021
I/SN0331
256
MCP6021E
SN^^0549
256
OR
3
e
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6021E
549256
8-Lead TSSOP
Example:
XXXX
YYWW
NNN
6021
E549
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com