Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6001-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6001-E/P
Description  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6001-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP6001-E/P Datasheet HTML 1Page - Microchip Technology MCP6001-E/P Datasheet HTML 2Page - Microchip Technology MCP6001-E/P Datasheet HTML 3Page - Microchip Technology MCP6001-E/P Datasheet HTML 4Page - Microchip Technology MCP6001-E/P Datasheet HTML 5Page - Microchip Technology MCP6001-E/P Datasheet HTML 6Page - Microchip Technology MCP6001-E/P Datasheet HTML 7Page - Microchip Technology MCP6001-E/P Datasheet HTML 8Page - Microchip Technology MCP6001-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21733F-page 5
MCP6001/2/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 10 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 1.8V.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 5.5V.
FIGURE 2-10:
Input Offset Voltage Drift.
FIGURE 2-11:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-12:
Output Short-Circuit Current
vs. Power Supply Voltage.
10
100
1,000
1.E-01 1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
Frequency (Hz)
0.1
10
1
100
10k
1k
100k
-700
-600
-500
-400
-300
-200
-100
0
Common Mode Input Voltage (V)
V
DD = 1.8V
TA = -40°C
T
A = +25°C
T
A = +85°C
TA = +125°C
-700
-600
-500
-400
-300
-200
-100
0
Common Mode Input Voltage (V)
V
DD = 5.5V
TA = -40°C
T
A = +25°C
T
A = +85°C
TA = +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
Input Offset Voltage Drift (µV/°C)
1225 Samples
TA = -40°C to +125°C
VCM = VSS
-200
-150
-100
-50
0
50
100
150
200
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 1.8V
VCM = VSS
V
DD = 5.5V
0
5
10
15
20
25
30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
T
A = -40°C
T
A = +25°C
T
A = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com