Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6001-E/P Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6001-E/P
Description  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6001-E/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6001-E/P Datasheet HTML 2Page - Microchip Technology MCP6001-E/P Datasheet HTML 3Page - Microchip Technology MCP6001-E/P Datasheet HTML 4Page - Microchip Technology MCP6001-E/P Datasheet HTML 5Page - Microchip Technology MCP6001-E/P Datasheet HTML 6Page - Microchip Technology MCP6001-E/P Datasheet HTML 7Page - Microchip Technology MCP6001-E/P Datasheet HTML 8Page - Microchip Technology MCP6001-E/P Datasheet HTML 9Page - Microchip Technology MCP6001-E/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP6001/2/4
DS21733F-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 10 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-13:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-14:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-15:
Output Voltage Swing vs.
Frequency.
FIGURE 2-16:
Small-Signal, Non-Inverting
Pulse Response.
FIGURE 2-17:
Large-Signal, Non-Inverting
Pulse Response.
FIGURE 2-18:
Quiescent Current vs.
Power Supply Voltage.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, V
DD = 5.5V
Rising Edge, V
DD = 5.5V
Rising Edge, V
DD = 1.8V
Falling Edge, VDD = 1.8V
1
10
100
1,000
1.E-05
1.E-04
1.E-03
1.E-02
Output Current Magnitude (A)
V
DD – VOH
10µ
10m
1m
100µ
V
OL – VSS
0.1
1
10
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
VDD = 5.5V
1k
10k
100k
1M
V
DD = 1.8V
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.E+00
1.E-06
2.E-06
3.E-06
4.E-06
5.E-06
6.E-06
7.E-06
8.E-06
9.E-06
1.E-05
Time (1 µs/div)
G = +1 V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.E+00
1.E-05
2.E-05
3.E-05
4.E-05
5.E-05
6.E-05
7.E-05
8.E-05
9.E-05
1.E-04
Time (10 µs/div)
G = +1 V/V
V
DD = 5.0V
0
20
40
60
80
100
120
140
160
180
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0 5.5
Power Supply Voltage (V)
V
CM = VDD - 0.5V
TA = +125°C
T
A = +85°C
T
A = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com