Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC010AT-E/ST Datasheet(PDF) 25 Page - Microchip Technology

Part # 25LC010AT-E/ST
Description  1K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC010AT-E/ST Datasheet(HTML) 25 Page - Microchip Technology

Back Button 25LC010AT-E/ST Datasheet HTML 20Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 21Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 22Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 23Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 24Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 25Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 26Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 27Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS21832C-page 23
25AA010A/25LC010A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25AA010A
25LC010A
1k-Bit, 1.8V, 16 Byte Page, SPI Serial EEPROM
1k-Bit, 2.5V, 16 Byte Page, SPI Serial EEPROM
Tape & Reel:
Blank
=
T=
Standard packaging
Tape & Reel
Temperature
Range:
I=
E=
-40
°C to+85°C
-40
°C to+125°C
Package:
MS
=
P=
SN
=
ST
=
MC
=
OT
=
Plastic MSOP (Micro Small Outline), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIC (150 mil body), 8-lead
TSSOP, 8-lead
2x3 DFN, 8-lead
SOT-23, 6-lead (Tape and Reel only)
Examples:
a)
25AA010A-I/MS = 1k-bit, 16-byte page, 1.8V
Serial EEPROM, Industrial temp., MSOP
package
b)
25AA010AT-I/SN = 1k-bit, 16-byte page, 1.8V
Serial EEPROM, Industrial temp., Tape & Reel,
SOIC package
c)
25LC010AT-I/SN = 1k-bit, 16-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
SOIC package
d)
25LC010AT-I/ST = 1k-bit, 16-byte page, 2.5V
Serial EEPROM, Industrial temp., Tape & Reel,
TSSOP package
e)
25LC010AT-E/SN = 1k-bit, 16-byte page, 2.5V
serial EEPROM, Extended temp., Tape & Reel,
SOIC Package
–
X
Temperature
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com