Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC010AT-E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC010AT-E/ST
Description  1K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC010AT-E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC010AT-E/ST Datasheet HTML 10Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 11Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 12Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 13Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 14Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 15Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 16Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 17Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
25AA010A/25LC010A
DS21832C-page 14
Preliminary
© 2006 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
25AA010A
0627
Example:
Example:
SN
0627
25AA01AI
1L7
1L7
5A1A
I627
Example:
1st Line Marking Codes
25AA010A
5A1A
8-Lead MSOP (150 mil)
Example:
XXXXXT
YWWNNN
5L1AI
6271L7
25LC010A
A1AX
5L1A
L1AX
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
Part Number
TSSOP
Standard
Rotated
MSOP
SOT-23
DFN
5A1AT
5L1AT
12NN
15NN
16NN
401
404
405
——
I Temp.
E Temp.
I Temp.
E Temp.
Note: T = Temperature grade (I, E)
NN = Alphanumeric traceability code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com