Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4423M Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4423M
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423M Datasheet(HTML) 5 Page - Microchip Technology

  TC4423M Datasheet HTML 1Page - Microchip Technology TC4423M Datasheet HTML 2Page - Microchip Technology TC4423M Datasheet HTML 3Page - Microchip Technology TC4423M Datasheet HTML 4Page - Microchip Technology TC4423M Datasheet HTML 5Page - Microchip Technology TC4423M Datasheet HTML 6Page - Microchip Technology TC4423M Datasheet HTML 7Page - Microchip Technology TC4423M Datasheet HTML 8Page - Microchip Technology TC4423M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21937A-page 5
TC4423M/TC4424M/TC4425M
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
46
8
10
12
14
16
18
2200 pF
100
80
60
40
20
0
1000 pF
3300 pF
1500 pF
4700 pF
470 pF
VDD (V)
100
1000
10,000
5V
10V
15V
100
80
60
40
20
0
CLOAD (pF)
32
30
28
26
24
22
20
18
-55
-35
5
25
45
65
85
105 125
-15
tFALL
tRISE
TA (°C)
tFALL
tRISE
CLOAD = 2200 pF
46
8
10
12
14
16
18
100
80
60
40
20
0
1000 pF
1500 pF
4700 pF
3300 pF
2200 pF
470 pF
VDD (V)
100
1000
10,000
5V
10V
15V
100
80
60
40
20
0
CLOAD (pF)
100
80
60
40
20
INPUT (V)
0123456789
10 11 12
tD1
tD2
CLOAD = 2200 pF
VDD = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com