Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4423M Datasheet(PDF) 11 Page - Microchip Technology

Part # TC4423M
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423M Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC4423M Datasheet HTML 7Page - Microchip Technology TC4423M Datasheet HTML 8Page - Microchip Technology TC4423M Datasheet HTML 9Page - Microchip Technology TC4423M Datasheet HTML 10Page - Microchip Technology TC4423M Datasheet HTML 11Page - Microchip Technology TC4423M Datasheet HTML 12Page - Microchip Technology TC4423M Datasheet HTML 13Page - Microchip Technology TC4423M Datasheet HTML 14Page - Microchip Technology TC4423M Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21937A-page 11
TC4423M/TC4424M/TC4425M
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
8-Lead CERDIP (300 mil)
Example:
XXXXXXXX
XXXXXNNN
YYWW
TC4424
MJA^^ 256
0543
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com