Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6544-E/SL Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6544-E/SL
Description  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6544-E/SL Datasheet(HTML) 5 Page - Microchip Technology

  MCP6544-E/SL Datasheet HTML 1Page - Microchip Technology MCP6544-E/SL Datasheet HTML 2Page - Microchip Technology MCP6544-E/SL Datasheet HTML 3Page - Microchip Technology MCP6544-E/SL Datasheet HTML 4Page - Microchip Technology MCP6544-E/SL Datasheet HTML 5Page - Microchip Technology MCP6544-E/SL Datasheet HTML 6Page - Microchip Technology MCP6544-E/SL Datasheet HTML 7Page - Microchip Technology MCP6544-E/SL Datasheet HTML 8Page - Microchip Technology MCP6544-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 5
MCP6541/1R/1U/2/3/4
TEMPERATURE CHARACTERISTICS
1.1
Test Circuit Configuration
This test circuit configuration is used to determine the
AC and DC specifications.
FIGURE 1-3:
AC and DC Test Circuit for
the Push-Pull Output Comparators.
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC-70
θJA
—
331
—
°C/W
Thermal Resistance, 5L-SOT-23
θJA
—
256
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
163
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—
206
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Note:
The MCP6541/2/3/4 I-Temp parts operate over this extended temperature range, but with reduced perfor-
mance. In any case, the Junction Temperature (TJ) must not exceed the Absolute Maximum specification
of +150°C.
VDD
VSS = 0V
200 k
Ω
200 k
Ω
200 k
Ω
200 k
Ω
VOUT
VIN = VSS
36 pF
MCP654X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com