Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6544-E/SL Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6544-E/SL
Description  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6544-E/SL Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6544-E/SL Datasheet HTML 5Page - Microchip Technology MCP6544-E/SL Datasheet HTML 6Page - Microchip Technology MCP6544-E/SL Datasheet HTML 7Page - Microchip Technology MCP6544-E/SL Datasheet HTML 8Page - Microchip Technology MCP6544-E/SL Datasheet HTML 9Page - Microchip Technology MCP6544-E/SL Datasheet HTML 10Page - Microchip Technology MCP6544-E/SL Datasheet HTML 11Page - Microchip Technology MCP6544-E/SL Datasheet HTML 12Page - Microchip Technology MCP6544-E/SL Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 9
MCP6541/1R/1U/2/3/4
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA =25°C, VIN+=VDD/2, VIN– = GND,
RL =100 kΩ to VDD/2, and CL =36pF.
FIGURE 2-19:
Supply Current vs. Toggle
Frequency.
FIGURE 2-20:
Output Voltage Headroom
vs. Output Current at VDD =1.6V.
FIGURE 2-21:
High-to-Low Propagation
Delay.
FIGURE 2-22:
Output Short Circuit Current
Magnitude vs. Power Supply Voltage.
FIGURE 2-23:
Output Voltage Headroom
vs. Output Current at VDD =5.5V.
FIGURE 2-24:
Low-to-High Propagation
Delay.
0.1
1
10
0.1
1
10
100
Toggle Frequency (kHz)
VDD = 5.5V
VDD = 1.6V
100 mV Overdrive
VCM = VDD/2
RL = infinity
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (mA)
VDD = 1.6V
VOL–VSS:
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
VDD–VOH:
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
01234
5678
High-to-Low Propagation Delay (µs)
600 Samples
100 mV Overdrive
VCM = VDD/2
VDD = 5.5V
VDD = 1.6V
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
Output Current (mA)
VDD = 5.5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
VDD – VOH:
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
VOL – VSS:
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
012345
678
Low-to-High Propagation Delay (µs)
600 Samples
100 mV Overdrive
VCM = VDD/2
VDD = 5.5V
VDD = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com